Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40077 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40077
Description  HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40077 Datasheet(HTML) 5 Page - Texas Instruments

  TPS40077 Datasheet HTML 1Page - Texas Instruments TPS40077 Datasheet HTML 2Page - Texas Instruments TPS40077 Datasheet HTML 3Page - Texas Instruments TPS40077 Datasheet HTML 4Page - Texas Instruments TPS40077 Datasheet HTML 5Page - Texas Instruments TPS40077 Datasheet HTML 6Page - Texas Instruments TPS40077 Datasheet HTML 7Page - Texas Instruments TPS40077 Datasheet HTML 8Page - Texas Instruments TPS40077 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
www.ti.com
TPS40077
SLUS714 – JANUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
T
A = –40°C to 85°C, VIN = 12 Vdc, RT = 90.9 kΩ, IKFF = 300 µA, fSW = 500 kHz, all parameters at zero power dissipation
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SHORT-CIRCUIT CURRENT PROTECTION
IILIM
Current sink into current limit
80
105
125
µA
VILIM(ofst)
Current limit offset voltage (VSW – VILIM)
VILIM = 11.5 V, VVDD = 12 V
–75
–50
–30
mV
tHSC
Minimum HDRV pulse duration
During short circuit
135
225
ns
Propagation delay to output (2)
50
ns
tBLANK
Blanking time(2)
50
ns
tOFF
Off time during a fault (SS cycle times)
7
cycles
Switching level to end precondition (VVDD
VSW
2
V
VSW)(2)
tPC
Precondition time(2)
100
ns
VILIM
Current limit precondition voltage threshold(2)
6.8
V
OUTPUT DRIVERS
tHFALL
High-side driver fall time (HDRV – SW)(2)
36
ns
CHDRV = 2200 pF
tHRISE
High-side driver rise time (HDRV – SW)(2)
48
ns
tHFALL
High-side driver fall time (HDRV – SW)(2)
72
ns
CHDRV = 2200 pF, VVDD = 4.5 V, 0.2 V ≤
VSS ≤ 4 V
tHRISE
High-side driver rise time (HDRV – SW)(2)
96
ns
tLFALL
Low-side driver fall time(2)
24
ns
CLDRV = 2200 pF
tLRISE
Low-side driver rise time(2)
48
ns
tLFALL
Low-side driver fall time(2)
48
ns
CLDRV = 2200 pF, VVDD = 4.5 V,
0.2 V
≤ V
SS ≤ 4 V
tLRISE
Low-side driver rise time(2)
96
ns
IHDRV = –0.01 A
0.7
1
High-level output voltage, HDRV (VBOOST
VOH
V
VHDRV)
IHDRV = –0.1 A
0.95
1.3
IHDRV = 0.01A
0.06
0.1
VOL
Low-level output voltage, HDRV (VHDRV – VSW)
V
IHDRV = 0.1 A
0.65
1
ILDRV= –0.01A
0.65
1
High-level output voltage, LDRV (VDBP
VOH
V
VLDRV)
ILDRV = –0.1 A
0.875
1.2
ILDRV = 0.01 A
0.03
0.05
VOL
Low-level output voltage, LDRV
V
ILDRV = 0.1 A
0.3
0.5
BOOST REGULATOR
VBOOST
Output voltage
VDD = 12 V
15.2
17
V
UVLO
VUVLO
Programmable UVLO threshold voltage
RKFF = 90.9 kΩ, turn-on, VVDD rising
6.2
7.2
8.2
Programmable UVLO hysteresis
RKFF = 90.9 kΩ
1.1
1.55
2
V
Fixed UVLO threshold voltage
Turn-on, VVDD rising
4.15
4.3
4.45
Fixed UVLO hysteresis
275
365
mV
POWER GOOD
VPG
Power-good voltage
IPG = 1 mA
370
500
VOH
High-level output voltage, FB
770
mV
VOL
Low-level output voltage, FB
630
THERMAL SHUTDOWN
Shutdown temperature threshold(2)
165
°C
Hysteresis(2)
15
(2)
Assured by design. Not production tested.
5
Submit Documentation Feedback


Similar Part No. - TPS40077

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40077 TI-TPS40077 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWP TI-TPS40077PWP Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPG4 TI-TPS40077PWPG4 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPR TI-TPS40077PWPR Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPRG4 TI-TPS40077PWPRG4 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40077

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com