Selected language     English  ▼


2N5486_06 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. 2N5486_06
Description  JFET VHF/UHF Amplifiers N−Channel - Depletion
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 5 page
background image
2N5486
http://onsemi.com
5
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
Figure 13. S11g
Figure 14. S12g
Figure 15. S21g
Figure 16. S22g
0.7
0.6
0.5
0.4
0.3
0.04
0.5
0.4
0.3
0.2
1.0
0.9
0.8
0.7
0.6
0.03
0.02
0.01
0.0
0.01
0.02
0.03
0.04
0.1
900
900
800
700
600
500
300
200
100
800
700
600
500
400
300
200
100
ID = 0.25 IDSS
ID = IDSS
100
200
300
400
500
600
700
800
900
900
600
700
800
ID = 0.25 IDSS
ID = IDSS
100
900
100
900
ID = 0.25 IDSS
ID = IDSS
1.5
100
400
500
600
700
800
900
ID = IDSS, 0.25 IDSS
COMMON GATE CHARACTERISTICS
S−PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C, Data Points in MHz)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
2N5457_06JFETs General Purpose N−Channel Depletion 1 2 3 4 5 ON Semiconductor
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
2N5460_06JFET Amplifier P−Channel Depletion 1 2 3 4 5 ON Semiconductor
LT1055Precision High Speed JFET Input Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
LMV1032-06Amplifiers for 3 Wire Analog Electret Microphones 1 2 3 4 5 MoreNational Semiconductor (TI)
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
IXTU01N100DN-Channel Depletion Mode High Voltage MOSFET 1 2 IXYS Corporation
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor
AN1741Single Operational Amplifiers 1 2 3 4 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl