Selected language     English  β–Ό


2N5486_06 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. 2N5486_06
Description  JFET VHF/UHF Amplifiers N−Channel - Depletion
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 6 page
background image
2N5486
http://onsemi.com
6
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND DIMENSION R
IS UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P AND
BEYOND DIMENSION K MINIMUM.
R
A
P
J
L
B
K
G
H
SECTION Xβˆ’X
C
V
D
N
N
XX
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.20
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.19
D
0.016
0.021
0.407
0.533
G
0.045
0.055
1.15
1.39
H
0.095
0.105
2.42
2.66
J
0.015
0.020
0.39
0.50
K
0.500
βˆ’βˆ’βˆ’
12.70
βˆ’βˆ’βˆ’
L
0.250
βˆ’βˆ’βˆ’
6.35
βˆ’βˆ’βˆ’
N
0.080
0.105
2.04
2.66
P
βˆ’βˆ’βˆ’
0.100
βˆ’βˆ’βˆ’
2.54
R
0.115
βˆ’βˆ’βˆ’
2.93
βˆ’βˆ’βˆ’
V
0.135
βˆ’βˆ’βˆ’
3.43
βˆ’βˆ’βˆ’
1
STYLE 5:
PIN 1. DRAIN
2. SOURCE
3. GATE
TOβˆ’92 (TOβˆ’226AA)
CASE 29βˆ’11
ISSUE AL
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
β€œTypical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including β€œTypicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800βˆ’282βˆ’9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81βˆ’3βˆ’5773βˆ’3850
2N5486/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303βˆ’675βˆ’2175 or 800βˆ’344βˆ’3860 Toll Free USA/Canada
Fax: 303βˆ’675βˆ’2176 or 800βˆ’344βˆ’3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
2N5457_06JFETs General Purpose N−Channel Depletion 1 2 3 4 5 ON Semiconductor
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
2N5460_06JFET Amplifier P−Channel Depletion 1 2 3 4 5 ON Semiconductor
LT1055Precision High Speed JFET Input Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
LMV1032-06Amplifiers for 3 Wire Analog Electret Microphones 1 2 3 4 5 MoreNational Semiconductor (TI)
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
IXTU01N100DN-Channel Depletion Mode High Voltage MOSFET 1 2 IXYS Corporation
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor
AN1741Single Operational Amplifiers 1 2 3 4 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl