Selected language     English  ▼


2N5486_06 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. 2N5486_06
Description  JFET VHF/UHF Amplifiers N−Channel - Depletion
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 2 page
background image
2N5486
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Gate−Source Breakdown Voltage
(IG = −1.0 mAdc, VDS = 0)
V(BR)GSS
−25
Vdc
Gate Reverse Current
(VGS = −20 Vdc, VDS = 0)
(VGS = −20 Vdc, VDS = 0, TA = 100°C)
IGSS
−1.0
−0.2
nAdc
mAdc
Gate Source Cutoff Voltage
(VDS = 15 Vdc, ID = 10 nAdc)
VGS(off)
−2.0
−6.0
Vdc
ON CHARACTERISTICS
Zero−Gate Voltage Drain Current
(VDS = 15 Vdc, VGS = 0)
IDSS
8.0
20
mAdc
SMALL− SIGNAL CHARACTERISTICS
Forward Transfer Admittance
(VDS = 15 Vdc, VGS = 0, f = 1.0 kHz)
⎪yfs
4000
8000
mmhos
Input Admittance
(VDS = 15 Vdc, VGS = 0, f = 400 MHz)
Re(yis)
1000
mmhos
Output Admittance
(VDS = 15 Vdc, VGS = 0, f = 1.0 kHz)
⎪yos
75
mmhos
Output Conductance
(VDS = 15 Vdc, VGS = 0, f = 400 MHz)
Re(yos)
100
mmhos
Forward Transconductance
(VDS = 15 Vdc, VGS = 0, f = 400 MHz)
Re(yfs)
3500
mmhos
Input Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
5.0
pF
Reverse Transfer Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Crss
1.0
pF
Output Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Coss
2.0
pF
f, FREQUENCY (MHz)
30
10
bis @ IDSS
f, FREQUENCY (MHz)
5.0
Figure 1. Input Admittance (yis)
Figure 2. Reverse Transfer Admittance (yrs)
COMMON SOURCE CHARACTERISTICS ADMITTANCE PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C)
f, FREQUENCY (MHz)
20
f, FREQUENCY (MHz)
10
Figure 3. Forward Transadmittance (yfs)
Figure 4. Output Admittance (yos)
20
10
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
20
30
50 70 100
200 300
500 700 1000
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
3.0
0.05
0.07
0.1
0.2
0.3
0.7
0.5
1.0
2.0
10
20
30
50
70
100
200 300
500 700 1000
10
20
30
50 70 100
200 300
500 700 1000
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
30
50 70
100
200 300
500 700 1000
bis @ 0.25 IDSS
gis @ IDSS
gis @ 0.25 IDSS
brs @ IDSS
0.25 IDSS
grs @ IDSS, 0.25 IDSS
gfs @ IDSS
|bfs| @ IDSS
|bfs| @ 0.25 IDSS
bos @ IDSS and 0.25 IDSS
gos @ IDSS
gos @ 0.25 IDSS
gfs @ 0.25 IDSS




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
2N5457_06JFETs General Purpose N−Channel Depletion 1 2 3 4 5 ON Semiconductor
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
2N5460_06JFET Amplifier P−Channel Depletion 1 2 3 4 5 ON Semiconductor
LT1055Precision High Speed JFET Input Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
LMV1032-06Amplifiers for 3 Wire Analog Electret Microphones 1 2 3 4 5 MoreNational Semiconductor (TI)
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
IXTU01N100DN-Channel Depletion Mode High Voltage MOSFET 1 2 IXYS Corporation
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor
AN1741Single Operational Amplifiers 1 2 3 4 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl