Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF561 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-BF561
Description  Blackfin Embedded Symmetric Multiprocessor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF561 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-BF561_06 Datasheet HTML 3Page - Analog Devices ADSP-BF561_06 Datasheet HTML 4Page - Analog Devices ADSP-BF561_06 Datasheet HTML 5Page - Analog Devices ADSP-BF561_06 Datasheet HTML 6Page - Analog Devices ADSP-BF561_06 Datasheet HTML 7Page - Analog Devices ADSP-BF561_06 Datasheet HTML 8Page - Analog Devices ADSP-BF561_06 Datasheet HTML 9Page - Analog Devices ADSP-BF561_06 Datasheet HTML 10Page - Analog Devices ADSP-BF561_06 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ADSP-BF561
Rev. A
|
Page 7 of 60
|
May 2006
64M byte segment regardless of the size of the devices used so
that these banks will only be contiguous if fully populated with
64M bytes of memory.
I/O Memory Space
Blackfin processors do not define a separate I/O space. All
resources are mapped through the flat 32-bit address space. On-
chip I/O devices have their control registers mapped into mem-
ory mapped registers (MMRs) at addresses near the top of the
4G byte address space. These are separated into two smaller
blocks, one which contains the control MMRs for all core func-
tions, and the other which contains the registers needed for
setup and control of the on-chip peripherals outside of the core.
The core MMRs are accessible only by the core and only in
supervisor mode and appear as reserved space by on-chip
peripherals. The system MMRs are accessible by the core in
supervisor mode and can be mapped as either visible or reserved
to other devices, depending on the system protection
model desired.
Booting
The ADSP-BF561 contains a small boot kernel, which config-
ures the appropriate peripheral for booting. If the ADSP-BF561
is configured to boot from boot ROM memory space, the pro-
cessor starts executing from the on-chip boot ROM.
Event Handling
The event controller on the ADSP-BF561 handles all asynchro-
nous and synchronous events to the processor. The
ADSP-BF561 provides event handling that supports both nest-
ing and prioritization. Nesting allows multiple event service
routines to be active simultaneously. Prioritization ensures that
servicing of a higher priority event takes precedence over servic-
ing of a lower priority event. The controller provides support for
five different types of events:
• Emulation – An emulation event causes the processor to
enter emulation mode, allowing command and control of
the processor via the JTAG interface.
• Reset – This event resets the processor.
• Nonmaskable Interrupt (NMI) – The NMI event can be
generated by the software watchdog timer or by the NMI
input signal to the processor. The NMI event is frequently
used as a power-down indicator to initiate an orderly shut-
down of the system.
• Exceptions – Events that occur synchronously to program
flow, i.e., the exception will be taken before the instruction
is allowed to complete. Conditions such as data alignment
violations or undefined instructions cause exceptions.
• Interrupts – Events that occur asynchronously to program
flow. They are caused by timers, peripherals, input pins,
and an explicit software instruction.
Each event has an associated register to hold the return address
and an associated “return from event” instruction. When an
event is triggered, the state of the processor is saved on the
supervisor stack.
The ADSP-BF561 event controller consists of two stages: the
Core Event Controller (CEC) and the System Interrupt Control-
ler (SIC). The Core Event Controller works with the System
Interrupt Controller to prioritize and control all system events.
Conceptually, interrupts from the peripherals enter into the
SIC, and are then routed directly into the general-purpose
interrupts of the CEC.
Core Event Controller (CEC)
The CEC supports nine general-purpose interrupts (IVG15–7),
in addition to the dedicated interrupt and exception events. Of
these general-purpose interrupts, the two lowest priority inter-
rupts (IVG15–14) are recommended to be reserved for software
interrupt handlers, leaving seven prioritized interrupt inputs to
support the peripherals of the ADSP-BF561. Table 1 describes
the inputs to the CEC, identifies their names in the Event Vector
Table (EVT), and lists their priorities.
System Interrupt Controller (SIC)
The System Interrupt Controller provides the mapping and
routing of events from the many peripheral interrupt sources to
the prioritized general-purpose interrupt inputs of the CEC.
Although the ADSP-BF561 provides a default mapping, the user
can alter the mappings and priorities of interrupt events by writ-
Table 1. Core Event Controller (CEC)
Priority
(0 is Highest)
Event Class
EVT Entry
0Emulation/Test Control
EMU
1
Reset
RST
2
Nonmaskable Interrupt
NMI
3Exceptions
EVX
4
Global Enable
5
Hardware Error
IVHW
6Core Timer
IVTMR
7
General Interrupt 7
IVG7
8
General Interrupt 8
IVG8
9
General Interrupt 9
IVG9
10
General Interrupt 10
IVG10
11
General Interrupt 11
IVG11
12
General Interrupt 12
IVG12
13
General Interrupt 13
IVG13
14
General Interrupt 14
IVG14
15
General Interrupt 15
IVG15


Similar Part No. - ADSP-BF561_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
More results

Similar Description - ADSP-BF561_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561SKBCZ-6V AD-ADSP-BF561SKBCZ-6V Datasheet
3Mb / 64P
   Blackfin Embedded Symmetric Multiprocessor
Rev. E
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
ADSP-BF561 AD-ADSP-BF561 Datasheet
508Kb / 52P
   Blackfin Embedded Symmetric Multi-Processor
REV. C
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com