Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5657G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N5657G
Description  Plastic NPN Silicon High?뭋oltage Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5657G Datasheet(HTML) 1 Page - ON Semiconductor

  2N5657G Datasheet HTML 1Page - ON Semiconductor 2N5657G Datasheet HTML 2Page - ON Semiconductor 2N5657G Datasheet HTML 3Page - ON Semiconductor 2N5657G Datasheet HTML 4Page - ON Semiconductor 2N5657G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 9
1
Publication Order Number:
2N5655/D
2N5655, 2N5657
Plastic NPN Silicon
High−Voltage Power
Transistor
These devices are designed for use in line−operated equipment such
as audio output amplifiers; low−current, high−voltage converters; and
AC line relays.
Features
Excellent DC Current Gain −
hFE = 30−250 @ IC = 100 mAdc
Current−Gain − Bandwidth Product −
fT = 10 MHz (Min) @ IC = 50 mAdc
Pb−Free Packages are Available*
MAXIMUM RATINGS (Note 1)
Rating
Symbol
2N5655
2N5657
Unit
Collector−Emitter Voltage
VCEO
250
350
Vdc
Collector−Base Voltage
VCB
275
375
Vdc
Emitter−Base Voltage
VEB
6.0
Vdc
Collector Current −
Continuous
Peak
IC
0.5
1.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
20
0.16
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
°C/W
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
qJC
6.25
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Indicates JEDEC registered data.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
0.5 AMPERE
POWER TRANSISTORS
NPN SILICON
250−350 VOLTS, 20 WATTS
MARKING DIAGRAM
TO−225AA
CASE 77−09
STYLE 1
Y
= Year
WW
= Work Week
2N565x
= Device Code
x = 5 or 7
G
= Pb−Free Package
2N5657
TO−225
500 Units / Bulk
2N5657G
TO−225
(Pb−Free)
500 Units / Bulk
Device
Package
Shipping
2N5655
TO−225
500 Units / Bulk
2N5655G
TO−225
(Pb−Free)
500 Units / Bulk
ORDERING INFORMATION
YWW
2
N565xG


Similar Part No. - 2N5657G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5657G ONSEMI-2N5657G Datasheet
129Kb / 5P
   Plastic NPN Silicon High-Voltage Power Transistors
December, 2013 ??Rev. 12
More results

Similar Description - 2N5657G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE3439 ONSEMI-MJE3439 Datasheet
60Kb / 4P
   NPN Silicon High?뭋oltage Power Transistor
February, 2006 ??Rev. 11
logo
Motorola, Inc
BD801 MOTOROLA-BD801 Datasheet
93Kb / 4P
   Plastic High Power Silicon NPN Transistor
logo
ON Semiconductor
2N5655 ONSEMI-2N5655 Datasheet
89Kb / 4P
   Plastic NPN Silicon High-Voltage Power Transistor
April, 2002 ??Rev. 7
logo
New Jersey Semi-Conduct...
2N5655 NJSEMI-2N5655 Datasheet
129Kb / 1P
   PLASTIC NPN SILICON HIGH-VOLTAGE POWER TRANSISTOR
logo
Continental Device Indi...
CSC3619 CDIL-CSC3619 Datasheet
250Kb / 2P
   NPN SILICON PLASTIC POWER TRANSISTOR
MJD13003 CDIL-MJD13003 Datasheet
591Kb / 5P
   NPN SILICON PLASTIC POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
   PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
logo
Continental Device Indi...
CDD1933 CDIL-CDD1933 Datasheet
90Kb / 2P
   NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CN1933 CDIL-CN1933 Datasheet
119Kb / 3P
   NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
ON Semiconductor
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com