Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65C1167NSRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65C1167NSRE4
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C1167NSRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65C1167NSRE4 Datasheet HTML 1Page - Texas Instruments SN65C1167NSRE4 Datasheet HTML 2Page - Texas Instruments SN65C1167NSRE4 Datasheet HTML 3Page - Texas Instruments SN65C1167NSRE4 Datasheet HTML 4Page - Texas Instruments SN65C1167NSRE4 Datasheet HTML 5Page - Texas Instruments SN65C1167NSRE4 Datasheet HTML 6Page - Texas Instruments SN65C1167NSRE4 Datasheet HTML 7Page - Texas Instruments SN65C1167NSRE4 Datasheet HTML 8Page - Texas Instruments SN65C1167NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN65C1167, SN75C1167, SN65C1168, SN75C1168
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS159E − MARCH 1993 − REVISED NOVEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = −18 mA
−1.5
V
VOH
High-level output voltage
VIH = 2 V,
VIL = 0.8 V,
IOH = −20 mA
2.4
3.4
V
VOL
Low-level output voltage
VIH = 2 V,
VIL = 0.8 V,
IOL = 20 mA
0.2
0.4
V
|VOD1|
Differential output voltage
IO = 0 mA
2
6
V
|VOD2|
Differential output voltage
2
3.1
V
∆|VOD|
Change in magnitude of differential
output voltage
RL = 100 Ω,
See Figure 1 and Note 5
±0.4
V
VOC
Common-mode output voltage
RL = 100 Ω,
See Figure 1 and Note 5
±3
V
∆|VOC|
Change in magnitude of common-mode
output voltage
±0.4
V
IO(OFF) Output current with power off (see Note 3)
VCC = 0 V
VO = 6 V
100
µA
IO(OFF) Output current with power off (see Note 3)
VCC = 0 V
VO = −0.25 V
−100
µA
IOZ
High-impedance-state output current
VO = 2.5 V
20
A
IOZ
High-impedance-state output current
VO = 5 V
−20
µA
IIH
High-level input current
VI = VCC or VIH
1
µA
IIL
Low-level input current
VI = GND or VIL
−1
µA
IOS
Short-circuit output current
VO = VCC or GND,
See Note 6
−30
−150
mA
ICC
Supply current (total package)
No load,
VI = VCC or GND
4
6
mA
ICC
Supply current (total package)
No load,
Enabled
VI = 2.4 or 0.5 V, See Note 7
5
9
mA
Ci
Input capacitance
6
pF
† All typical values are at VCC = 5 V and TA = 25°C.
NOTES:
5. Refer to TIA/EIA-422-B for exact conditions.
6. Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
7. This parameter is measured per input, while the other inputs are at VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
R1 = R2 = 50 Ω,
R3 = 500 Ω,
7
12
ns
tPLH
Propagation delay time, low- to high-level output
R1 = R2 = 50 Ω,
C1 = C2 = C3 = 40 pF,
See Figure 2
R3 = 500 Ω,
S1 is open,
7
12
ns
tsk(p)
Pulse skew
C1 = C2 = C3 = 40 pF,
See Figure 2
S1 is open,
0.5
4
ns
tr
Rise time
R1 = R2 = 50 Ω,
C1 = C2 = C3 = 40 pF,
R3 = 500 Ω,
S1 is open,
5
10
ns
tf
Fall time
12
C1 = C2 = C3 = 40 pF,
See Figure 3
3
S1 is open,
5
10
ns
tPZH
Output enable time to high level
R1 = R2 = 50 Ω,
C1 = C2 = C3 = 40 pF,
R3 = 500 Ω,
S1 is closed,
10
19
ns
tPZL
Output enable time to low level
12
C1 = C2 = C3 = 40 pF,
See Figure 4
3
S1 is closed,
10
19
ns
tPHZ
Output disable time from low level
R1 = R2 = 50 Ω,
C1 = C2 = C3 = 40 pF,
R3 = 500 Ω,
S1 is closed,
7
16
ns
tPLZ
Output disable time from high level
12
C1 = C2 = C3 = 40 pF,
See Figure 4
3
S1 is closed,
7
16
ns
† All typical values are at VCC = 5 V and TA = 25°C.


Similar Part No. - SN65C1167NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167NSRE4 TI-SN65C1167NSRE4 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167NSRE4 TI-SN65C1167NSRE4 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167NSRE4 TI1-SN65C1167NSRE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN65C1167NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com