Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6027 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6027
Description  Programmable Unijunction Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6027 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6027 Datasheet HTML 1Page - ON Semiconductor 2N6027 Datasheet HTML 2Page - ON Semiconductor 2N6027 Datasheet HTML 3Page - ON Semiconductor 2N6027 Datasheet HTML 4Page - ON Semiconductor 2N6027 Datasheet HTML 5Page - ON Semiconductor 2N6027 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev.6
1
Publication Order Number:
2N6027/D
2N6027, 2N6028
Preferred Device
Programmable
Unijunction Transistor
Programmable Unijunction
Transistor Triggers
Designed to enable the engineer to “program’’ unijunction
characteristics such as RBB,
h, IV, and IP by merely selecting
two resistor values. Application includes thyristor−trigger, oscillator,
pulse and timing circuits. These devices may also be used in special
thyristor applications due to the availability of an anode gate. Supplied
in an inexpensive TO−92 plastic package for high−volume
requirements, this package is readily adaptable for use in automatic
insertion equipment.
Features
Programmable − RBB, h, IV and IP
Low On−State Voltage − 1.5 V Maximum @ IF = 50 mA
Low Gate to Anode Leakage Current − 10 nA Maximum
High Peak Output Voltage − 11 V Typical
Low Offset Voltage − 0.35 V Typical (RG = 10 kW)
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PUTs
40 VOLTS, 300 mW
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
K
G
A
TO−92 (TO−226AA)
CASE 029
STYLE 16
3
2
1
PIN ASSIGNMENT
1
2
3
Gate
Cathode
Anode
http://onsemi.com
2N602x
= Device Code
x = 7 or 8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
2N
602x
AYWW
G
G
(Note: Microdot may be in either location)


Similar Part No. - 2N6027

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6027 ONSEMI-2N6027 Datasheet
148Kb / 8P
   Programmable Unijunction Transistor
May, 2000 ??Rev. 2
logo
List of Unclassifed Man...
2N6027 ETC-2N6027 Datasheet
177Kb / 6P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Central Semiconductor C...
2N6027 CENTRAL-2N6027 Datasheet
177Kb / 4P
   MU4893
logo
New Jersey Semi-Conduct...
2N6027 NJSEMI-2N6027 Datasheet
140Kb / 1P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
2N6027 DIGITRON-2N6027 Datasheet
987Kb / 4P
   PROGRAMMABLE UNIJUNCTION TRANSISTORS
More results

Similar Description - 2N6027

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 Apr 27
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
   Programmable Unijunction Transistor
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
   Programmable Unijunction Transistor
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6117 NJSEMI-2N6117 Datasheet
89Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
BRY39 NJSEMI-BRY39 Datasheet
145Kb / 4P
   Programmable unijunction transistor
logo
Siemens Semiconductor G...
BRY56 SIEMENS-BRY56 Datasheet
110Kb / 5P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
ON Semiconductor
2N6027 ONSEMI-2N6027 Datasheet
148Kb / 8P
   Programmable Unijunction Transistor
May, 2000 ??Rev. 2
logo
Unisonic Technologies
2N6027 UTC-2N6027 Datasheet
141Kb / 3P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
List of Unclassifed Man...
2N6027 ETC-2N6027 Datasheet
177Kb / 6P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
NXP Semiconductors
BRY56A PHILIPS-BRY56A Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 May 31
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com