Selected language     English  ▼


2N6035_06 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. 2N6035_06
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 5 page
background image
(PNP) 2N6034, 2N6035, 2N6036; (NPN) 2N6038, 2N6039
http://onsemi.com
5
Figure 8. Collector Saturation Region
3.4
0.1
IB, BASE CURRENT (mA)
0.6
0.2
1.0
2.0
10
100
2.2
1.8
IC =
0.5 A
TJ = 25°C
1.0 A
2.6
3.0
0.5
5.0
2.2
0.04
IC, COLLECTOR CURRENT (AMP)
0.06
0.1
0.2
0.4
0.6
2.0 4.0
1.8
1.4
1.0
0.6
0.2
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
Figure 9. “On” Voltages
VBE @ VCE = 3.0 V
1.0
20
50
1.4
1.0
2.0 A
4.0 A
3.4
0.1
IB, BASE CURRENT (mA)
0.6
0.2
1.0
2.0
10
100
2.2
1.8
IC =
0.5 A
TJ = 25°C
1.0 A
2.6
3.0
0.5
5.0
20
50
1.4
1.0
2.0 A
4.0 A
IC, COLLECTOR CURRENT (AMP)
2.2
0.04 0.06
0.1
0.2
0.4
0.6
2.0
4.0
1.8
1.4
1.0
0.6
0.2
1.0
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
ORDERING INFORMATION
Device
Package
Shipping
2N6034
TO−225AA
500 Units / Box
2N6034G
TO−225AA
(Pb−Free)
2N6035
TO−225AA
2N6035G
TO−225AA
(Pb−Free)
2N6036
TO−225AA
2N6036G
TO−225AA
(Pb−Free)
2N6038
TO−225AA
2N6038G
TO−225AA
(Pb−Free)
2N6039
TO−225AA
2N6039G
TO−225AA
(Pb−Free)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
TIP127FP_03COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
2N6284COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 STMicroelectronics
2N6036_00COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
BD677_03COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
BDW83C_02COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 STMicroelectronics
BDW93CFP_01COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 STMicroelectronics
BD433_03COMPLEMENTARY SILICON POWER TRANSISTORS 1 2 3 4 STMicroelectronics
MJD340_03COMPLEMENTARY SILICON POWER TRANSISTORS 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl