Selected language     English  ▼


2N6035_06 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. 2N6035_06
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
(PNP) 2N6034, 2N6035, 2N6036; (NPN) 2N6038, 2N6039
http://onsemi.com
3
Figure 1. Switching Times Test Circuit
4.0
0.04
Figure 2. Switching Times
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.6
0.2
0.06
0.1
0.2
0.4
0.6
1.0
2.0
4.0
0.4
0.8
PNP
NPN
tf
tr
ts
td @ VBE(off) = 0
V2
approx
+8.0 V
V1
approx
−12 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
ms
0
RB
51
D1
+4.0 V
VCC
−30 V
RC
TUT
≈ 8.0 k
≈ 60
SCOPE
for td and tr, D1 is disconnected
and V2 = 0, RB and RC are varied
to obtain desired test currents.
For NPN test circuit, reverse diode,
polarities and input pulses.
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
Figure 3. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
qJC(t) = r(t) qJC
qJC = 3.12°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02 0.03
0.3
3.0
30
300




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
TIP127FP_03COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
2N6284COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 STMicroelectronics
2N6036_00COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
BD677_03COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
BDW83C_02COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 STMicroelectronics
BDW93CFP_01COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 STMicroelectronics
BD433_03COMPLEMENTARY SILICON POWER TRANSISTORS 1 2 3 4 STMicroelectronics
MJD340_03COMPLEMENTARY SILICON POWER TRANSISTORS 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl