Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6058 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6058
Description  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6058 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6058 Datasheet HTML 1Page - ON Semiconductor 2N6058 Datasheet HTML 2Page - ON Semiconductor 2N6058 Datasheet HTML 3Page - ON Semiconductor 2N6058 Datasheet HTML 4Page - ON Semiconductor 2N6058 Datasheet HTML 5Page - ON Semiconductor 2N6058 Datasheet HTML 6Page - ON Semiconductor 2N6058 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N6052
http://onsemi.com
3
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
RθJC(t) = r(t) RθJC
RθJC = 1.17°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE
PULSE
0.1
0.7
0.3
0.07
0.03
0.02
0.03
0.3
3.0
30
300
ACTIVE−REGION SAFE OPERATING AREA
Figure 5. 2N6058
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 6. 2N6052, 2N6059
VCE, COLLECTOR−EMITTER VOLTAGE
(VOLTS)
50
10
20
10
5.0
2.0
0.05
50
100
70
1.0
0.5
0.1
0.2
20
30
50
10
20
10
5.0
2.0
0.05
50
100
70
1.0
0.5
0.1
0.2
20
30
TJ = 200°C
SECOND BREAKDOWN LIM-
ITED
0.1 ms
0.5 ms
1.0 ms
5.0 ms
d
c
0.1 ms
0.5 ms
TJ = 200°C
1.0 ms
5.0 ms
d
c
BONDING WIRE LIMITED
THERMAL LIMITATION
@TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATION
@TC = 25°C (SINGLE PULSE)
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figures 5, 6, and 7 is based on TJ(pk) = 200_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
v 200_C; TJ(pk) may be calculated from the data in Figure
4. At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown.


Similar Part No. - 2N6058

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6058 MOSPEC-2N6058 Datasheet
188Kb / 4P
   POWER TRANSISTORS(12A,150W)
logo
Comset Semiconductor
2N6058 COMSET-2N6058 Datasheet
80Kb / 3P
   POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6058 ONSEMI-2N6058 Datasheet
190Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
March, 2001 ??Rev. 2
logo
Savantic, Inc.
2N6058 SAVANTIC-2N6058 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
2N6058 BOCA-2N6058 Datasheet
195Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
More results

Similar Description - 2N6058

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com