Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6028RLRAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N6028RLRAG
Description  Programmable Unijunction Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6028RLRAG Datasheet(HTML) 5 Page - ON Semiconductor

  2N6028RLRAG Datasheet HTML 1Page - ON Semiconductor 2N6028RLRAG Datasheet HTML 2Page - ON Semiconductor 2N6028RLRAG Datasheet HTML 3Page - ON Semiconductor 2N6028RLRAG Datasheet HTML 4Page - ON Semiconductor 2N6028RLRAG Datasheet HTML 5Page - ON Semiconductor 2N6028RLRAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N6027, 2N6028
http://onsemi.com
5
VS, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
1.0
0.5
0.3
0.2
0.1
2.0
3.0
5.0
10
10
5.0
15
20
1.0
0.5
20
0.2
0.1
2.0
50
5.0
10
0
−50
+50
+100
100
TA = 25°C
(SEE FIGURE 2)
RG = 10 kW
100 k
W
VS = 10 V
(SEE FIGURE 2)
1.0 M
W
−25
+25
+75
RG = 10 kW
100 k
W
1.0 M
W
TYPICAL PEAK CURRENT BEHAVIOR
2N6027
VS, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
0.1
0.05
0.03
0.02
0.01
0.2
0.3
0.5
1.0
10
5.0
15
20
0.1
0.05
2.0
0.02
0.01
0.2
5.0
0.5
1.0
0
−50
+50
+100
10
TA = 25°C
(SEE FIGURE 2)
RG = 10 kW
100 k
W
VS = 10 V
(SEE FIGURE 2)
1.0 M
W
−25
+25
+75
RG = 10 kW
100 k
W
1.0 M
W
2N6028
0.07
0.7
Figure 9. Effect of Supply Voltage and RG
Figure 10. Effect of Temperature and RG
Figure 11. Effect of Supply Voltage and RG
Figure 12. Effect of Temperature and RG
ORDERING INFORMATION
U.S.
European Equivalent
Shipping
Description of TO−92 Tape Orientation
2N6027
2N6027RL1
2N6027RL1G
5000 Units / Box
N/A − Bulk
2N6027G
2N6028
2N6028G
2N6027RLRA
2000 / Tape & Reel
Round side of TO−92 and adhesive tape visible
2N6027RLRAG
2N6028RLRA
2N6028RLRAG
2N6028RLRM
2000 / Tape & Ammo Box
Flat side of TO−92 and adhesive tape visible
2N6028RLRMG
2N6028RLRP
Round side of TO−92 and adhesive tape visible
2N6028RLRPG
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*The “G’’ suffix indicates Pb−Free package available.


Similar Part No. - 2N6028RLRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6028RLRAG ONSEMI-2N6028RLRAG Datasheet
148Kb / 8P
   Programmable Unijunction Transistor
May, 2000 ??Rev. 2
More results

Similar Description - 2N6028RLRAG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 Apr 27
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
   Programmable Unijunction Transistor
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
   Programmable Unijunction Transistor
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6117 NJSEMI-2N6117 Datasheet
89Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
BRY39 NJSEMI-BRY39 Datasheet
145Kb / 4P
   Programmable unijunction transistor
logo
Siemens Semiconductor G...
BRY56 SIEMENS-BRY56 Datasheet
110Kb / 5P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
ON Semiconductor
2N6027 ONSEMI-2N6027 Datasheet
148Kb / 8P
   Programmable Unijunction Transistor
May, 2000 ??Rev. 2
logo
Unisonic Technologies
2N6027 UTC-2N6027 Datasheet
141Kb / 3P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
List of Unclassifed Man...
2N6027 ETC-2N6027 Datasheet
177Kb / 6P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
NXP Semiconductors
BRY56A PHILIPS-BRY56A Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 May 31
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com