Electronic Components Datasheet Search |
|
ADSP-BF561WBBZ-5A Datasheet(PDF) 10 Page - Analog Devices |
|
ADSP-BF561WBBZ-5A Datasheet(HTML) 10 Page - Analog Devices |
10 / 60 page Rev. A | Page 10 of 60 | May 2006 ADSP-BF561 The timer is clocked by the system clock (SCLK) at a maximum frequency of f SCLK. TIMERS There are 14 programmable timer units in the ADSP-BF561. Each of the 12 general-purpose timer units can be indepen- dently programmed as a Pulse-Width Modulator (PWM), internally or externally clocked timer, or pulse-width counter. The general-purpose timer units can be used in conjunction with the UART to measure the width of the pulses in the data stream to provide an autobaud detect function for a serial chan- nel. The general-purpose timers can generate interrupts to the processor core providing periodic events for synchronization, either to the processor clock or to a count of external signals. In addition to the 12 general-purpose programmable timers, another timer is also provided for each core. These extra timers are clocked by the internal processor clock (CCLK) and are typ- ically used as a system tick clock for generation of operating system periodic interrupts. SERIAL PORTS (SPORTs) The ADSP-BF561 incorporates two dual-channel synchronous serial ports (SPORT0 and SPORT1) for serial and multiproces- sor communications. The SPORTs support the following features: •I2S capable operation. • Bidirectional operation – Each SPORT has two sets of inde- pendent transmit and receive pins, enabling eight channels of I2S stereo audio. • Buffered (8-deep) transmit and receive ports – Each port has a data register for transferring data words to and from other DSP components and shift registers for shifting data in and out of the data registers. • Clocking – Each transmit and receive port can either use an external serial clock or generate its own, in frequencies ranging from (f SCLK/131,070) Hz to (fSCLK/2) Hz. • Word length – Each SPORT supports serial data words from 3 bits to 32 bits in length, transferred most significant bit first or least significant bit first. • Framing – Each transmit and receive port can run with or without frame sync signals for each data word. Frame sync signals can be generated internally or externally, active high or low, and with either of two pulse-widths and early or late frame sync. • Companding in hardware – Each SPORT can perform A-law or µ-law companding according to ITU recommen- dation G.711. Companding can be selected on the transmit and/or receive channel of the SPORT without additional latencies. • DMA operations with single-cycle overhead – Each SPORT can automatically receive and transmit multiple buffers of memory data. The DSP can link or chain sequences of DMA transfers between a SPORT and memory. • Interrupts – Each transmit and receive port generates an interrupt upon completing the transfer of a data word or after transferring an entire data buffer or buffers through DMA. • Multichannel capability – Each SPORT supports 128 chan- nels out of a 1,024-channel window and is compatible with the H.100, H.110, MVIP-90, and HMVIP standards. SERIAL PERIPHERAL INTERFACE (SPI) PORT The ADSP-BF561 processor has an SPI-compatible port that enables the processor to communicate with multiple SPI-com- patible devices. The SPI interface uses three pins for transferring data: two data pins (master output-slave input, MOSI, and master input-slave output, MISO) and a clock pin (serial clock, SCK). An SPI chip select input pin (SPISS) lets other SPI devices select the proces- sor, and seven SPI chip select output pins (SPISEL7–1) let the processor select other SPI devices. The SPI select pins are recon- figured programmable flag pins. Using these pins, the SPI port provides a full-duplex, synchronous serial interface which sup- ports both master/slave modes and multimaster environments. The baud rate and clock phase/polarities for the SPI port are programmable, and it has an integrated DMA controller, con- figurable to support transmit or receive data streams. The SPI DMA controller can only service unidirectional accesses at any given time. The SPI port clock rate is calculated as: Where the 16-bit SPI_Baud register contains a value of 2 to 65,535. During transfers, the SPI port simultaneously transmits and receives by serially shifting data in and out on its two serial data lines. The serial clock line synchronizes the shifting and sam- pling of data on the two serial data lines. UART PORT The ADSP-BF561 processor provides a full-duplex universal asynchronous receiver/transmitter (UART) port, which is fully compatible with PC-standard UARTs. The UART port provides a simplified UART interface to other peripherals or hosts, sup- porting full-duplex, DMA-supported, asynchronous transfers of serial data. The UART port includes support for 5 data bits to 8 data bits, 1 stop bit or 2 stop bits, and none, even, or odd par- ity. The UART port supports two modes of operation: • PIO (programmed I/O) – The processor sends or receives data by writing or reading I/O-mapped UART registers. The data is double-buffered on both transmit and receive. • DMA (direct memory access) – The DMA controller trans- fers both transmit and receive data. This reduces the number and frequency of interrupts required to transfer data to and from memory. The UART has two dedicated SPI Clock Rate fSCLK 2 SPI_Baud × --------------------------------- = |
Similar Part No. - ADSP-BF561WBBZ-5A |
|
Similar Description - ADSP-BF561WBBZ-5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |