Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50L10C Datasheet(PDF) 6 Page - Texas Instruments

Part # 50L10C
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

50L10C Datasheet(HTML) 6 Page - Texas Instruments

Back Button 50L10C Datasheet HTML 2Page - Texas Instruments 50L10C Datasheet HTML 3Page - Texas Instruments 50L10C Datasheet HTML 4Page - Texas Instruments 50L10C Datasheet HTML 5Page - Texas Instruments 50L10C Datasheet HTML 6Page - Texas Instruments 50L10C Datasheet HTML 7Page - Texas Instruments 50L10C Datasheet HTML 8Page - Texas Instruments 50L10C Datasheet HTML 9Page - Texas Instruments 50L10C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
30
20
0
100
200
40
60
300
400
500
600
0
10
50
tr = 1 ms
TA = 25°C
VI = 14 V + 46e(−t/0.230)
for t
≥ 5 ms
t − Time − ms
IL − Load Current − mA
0.2
0.1
0
0
10
0.3
0.4
0.5
0.024
0.6
0.7
0.8
0.9
1.0
Region of Best Stability
80
120
150
Potential Instability Region
CL = 10-µF Tantalum Capacitor
TA = −40°C to 125°C
Potential Instability Region
30
20
10
0
0
2
4
40
50
60
6
8
12
14
10
VI − Input Voltage − V
20
15
5
0
0
1
2
3
25
35
40
4
5
6
30
10
VI − Input Voltage − V
TL750L, TL751L SERIES
LOW-DROPOUT VOLTAGE REGULATORS
SLVS017S – SEPTEMBER 1987 – REVISED AUGUST 2005
TL750L05
TRANSIENT INPUT VOLTAGE
EQUIVALENT SERIES RESISTANCE
vs
vs
TIME
LOAD CURRENT
Figure 1.
Figure 2.
TL750L05
TL750L12
INPUT CURRENT
INPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 3.
Figure 4.
6


Similar Part No. - 50L10C

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50L-001 JFW-50L-001 Datasheet
25Kb / 1P
   FEEDTHRU TERMINATION
50L-001 JFW-50L-001 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
50L-018 JFW-50L-018 Datasheet
25Kb / 1P
   FEEDTHRU TERMINATION
50L-026 JFW-50L-026 Datasheet
69Kb / 1P
   FEEDTHRU TERMINATION
logo
VBsemi Electronics Co.,...
50L02GJ VBSEMI-50L02GJ Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 50L10C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com