Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F379SC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F379SC
Description  Quad Parallel Register with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F379SC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F379SC Datasheet HTML 1Page - Fairchild Semiconductor 74F379SC Datasheet HTML 2Page - Fairchild Semiconductor 74F379SC Datasheet HTML 3Page - Fairchild Semiconductor 74F379SC Datasheet HTML 4Page - Fairchild Semiconductor 74F379SC Datasheet HTML 5Page - Fairchild Semiconductor 74F379SC Datasheet HTML 6Page - Fairchild Semiconductor 74F379SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F379 consists of four edge-triggered D-type flip-
flops with individual D inputs and Q and Q outputs. The
Clock (CP) and Enable (E) inputs are common to all flip-
flops. When the E is input HIGH, the register will retain the
present data independent of the CP input. The Dn and E
inputs can change when the clock is in either state, pro-
vided that the recommended setup and hold times are
observed.
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = LOW-to-HIGH Transition
NC
= No Change
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
E
Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
D0–D3
Data Inputs
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
Q0–Q3
Flip-Flop Outputs
50/33.3
−1 mA/20 mA
Q0–Q3
Complement Outputs
50/33.3
−1 mA/20 mA
Inputs
Outputs
E
CP
Dn
Qn
Qn
H

XNC
NC
L

HH
L
L

LL
H


Similar Part No. - 74F379SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F379SC NSC-74F379SC Datasheet
166Kb / 8P
   Quad Parallel Register with Enable
logo
Fairchild Semiconductor
74F379SC FAIRCHILD-74F379SC Datasheet
56Kb / 6P
   Quad Parallel Register with Enable
More results

Similar Description - 74F379SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS379 NSC-54LS379 Datasheet
154Kb / 6P
   Quad Parallel Register with Enable
logo
STMicroelectronics
T74LS379 STMICROELECTRONICS-T74LS379 Datasheet
325Kb / 4P
   Quad parallel register with enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379 Datasheet
56Kb / 6P
   Quad Parallel Register with Enable
logo
National Semiconductor ...
54F379DM NSC-54F379DM Datasheet
166Kb / 8P
   Quad Parallel Register with Enable
logo
Motorola, Inc
MC74AC379 MOTOROLA-MC74AC379 Datasheet
361Kb / 8P
   Quad Parallel Register with Enable
MC74AC378 MOTOROLA-MC74AC378 Datasheet
186Kb / 7P
   PARALLEL D REGISTER WITH ENABLE
logo
National Semiconductor ...
54AC378 NSC-54AC378 Datasheet
175Kb / 8P
   Parallel D Register with Enable
54F378DM NSC-54F378DM Datasheet
166Kb / 8P
   Parallel D Register with Enable
logo
Fairchild Semiconductor
74F378 FAIRCHILD-74F378 Datasheet
56Kb / 6P
   Parallel D-Type Register with Enable
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com