Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX574MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVX574MTC
Description  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX574MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX574MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX574MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX574MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX574MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX574MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX574MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVX574MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
Note 4: Parameter guaranteed by design. tOSLH |tPLHm  tPLHn|, tOSHL |tPHLm  tPHLn|.
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
fMAX
Maximum
2.7
60
115
50
MHZ
CL 15 pF
Clock
45
60
40
CL 50 pF
Frequency
3.3
r 0.3
80
125
65
CL 15 pF
50
75
45
CL 50 pF
tPLH
Propagation
2.7
9.2
14.5
1.0
17.5
ns
CL 15 pF
tPHL
Delay Time
11.5
18.0
1.0
21.0
CL 50 pF
CP to On
3.3
r 0.3
8.5
13.2
1.0
15.5
CL 15 pF
11.0
16.7
1.0
19.0
CL 50 pF
tPZL
3-STATE Output
2.7
9.8
15.0
1.0
18.5
ns
CL 15 pF, RL 1 k:
tPZH
Enable Time
11.4
18.5
1.0
22.0
CL 50 pF, RL 1 k:
3.3
r 0.3
8.2
12.8
1.0
15.0
CL 15 pF, RL 1 k:
10.7
16.3
1.0
18.5
CL 50 pF, RL 1 k:
tPLZ
tPHZ
3-STATE Output
2.7
12.1
19.1
1.0
22.0
ns
CL 50 pF, RL 1 k:
Disable Time
3.3
r 0.3
11.0
15.0
1.0
17.0
CL 50 pF, RL 1 k:
tW
CP Pulse
2.7
6.5
7.5
ns
Width
3.3
r 0.3
5.0
5.0
tS
Setup Time
2.7
5.0
5.0
ns
Dn to CP
3.3
r 0.3
3.5
3.5
tH
Hold Time
2.7
1.5
1.5
ns
Dn to CP
3.3
r 0.3
1.5
1.5
tOSHL
Output to Output
2.7
1.5
1.5
ns
CL 50 pF
tOSLH
Skew (Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
COUT
Output Capacitance
6
pF
CPD
Power Dissipation
27
pF
Capacitance (Note 5)


Similar Part No. - 74LVX574MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX574MTC FAIRCHILD-74LVX574MTC Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74LVX574MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com