Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1043 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1043
Description  1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1043 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1043_07 Datasheet HTML 4Page - SMSC Corporation EMC1043_07 Datasheet HTML 5Page - SMSC Corporation EMC1043_07 Datasheet HTML 6Page - SMSC Corporation EMC1043_07 Datasheet HTML 7Page - SMSC Corporation EMC1043_07 Datasheet HTML 8Page - SMSC Corporation EMC1043_07 Datasheet HTML 9Page - SMSC Corporation EMC1043_07 Datasheet HTML 10Page - SMSC Corporation EMC1043_07 Datasheet HTML 11Page - SMSC Corporation EMC1043_07 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
1°C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
Datasheet
Revision 1.37 (02-05-07)
8
SMSC EMC1043
DATASHEET
Note 2.1
300nS rise time max is required for 400kHz bus operation. For lower clock frequencies,
the maximum rise time is (0.1/FSMB)+50nS
External Temperature Monitor
Temperature Accuracy
Remote Diode 40
°C to 80°C
Remote Diode 0
°C to 125°C
± 1
± 3
°C
°C
15
°C≤TA≤70°C
0
°C≤TA≤85°C
Temperature Resolution
0.125
°C
Filter Capacitor
CFILTER
2.2
nF
Connected across
external diode
Note 2.2
Voltage Tolerance
Voltage at pin ( SMDATA,SMCLK)
VTOL
-0.3
5.5
V
SMBus Interface (SMDATA,SMCLK)
Input High Level
VIH
2.0
V
Input Low Level
VIL
0.8
V
Input High/Low Current
IIH/IIL
-1
1
μA
Hysteresis
500
mV
Input Capacitance
5
pF
Output Low Sink Current
6
mA
SMDATA = 0.6V
SMBus Timing
Clock Frequency
FSMB
10
400
kHz
Spike Suppression
50
ns
Bus free time Start to Stop
TBUF
1.3
μs
Hold time Start
THD:STA
0.6
μs
Setup time Start
TSU:STA
0.6
μs
Setup time Stop
TSU:STO
0.6
μs
Data Hold Time
THD:DAT
0.3
μs
Data Setup Time
TSU:DAT
100
ns
Clock Low Period
TLOW
1.3
μs
Clock High Period
THIGH
0.6
μs
Clock/Data Fall Time
TF
*
300
ns
*Min = 20+0.1Cb ns
Clock/Data Rise Time
TR
*
300
Note
2.1
ns
*Min = 20+0.1Cb ns
Capacitive Load (each bus line)
Cb
0.6
400
pF
Table 2.2 Electrical Characteristics (continued)
VDD=3.0V to 3.6V, TA= 0°C to +85°C, Typical values at TA = 27°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS


Similar Part No. - EMC1043_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
More results

Similar Description - EMC1043_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
   1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1063 SMSC-EMC1063 Datasheet
551Kb / 26P
   1C Triple Temperature Sensor with Hotter of Two Zones
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1182 SMSC-EMC1182 Datasheet
565Kb / 48P
   Dual Channel 1C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com