Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8586 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD8586
Description  N-Channel PowerTrench MOSFET 20V, 35A, 5.5mOHM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8586 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD8586 Datasheet HTML 1Page - Fairchild Semiconductor FDD8586 Datasheet HTML 2Page - Fairchild Semiconductor FDD8586 Datasheet HTML 3Page - Fairchild Semiconductor FDD8586 Datasheet HTML 4Page - Fairchild Semiconductor FDD8586 Datasheet HTML 5Page - Fairchild Semiconductor FDD8586 Datasheet HTML 6Page - Fairchild Semiconductor FDD8586 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
tm
January 2007
©2007 Fairchild Semiconductor Corporation
FDD8586/FDU8586 Rev. B
www.fairchildsemi.com
1
FDD8586/FDU8586
N-Channel PowerTrench® MOSFET
20V, 35A, 5.5m
Features
Max rDS(on) = 5.5mΩ at VGS = 10V, ID = 35A
Max rDS(on) = 8.5mΩ at VGS = 4.5V, ID = 33A
Low gate charge: Qg(TOT) = 34nC(Typ), VGS = 10V
Low gate resistance
100% Avalanche tested
RoHS compliant
General Description
This N-Channel MOSFET has been designed specifically
to improve the overall efficiency of DC/DC converters using
either synchronous or conventional switching PWM
controllers. It has been optimized for low gate charge, low
rDS(on) and fast switching speed.
Application
Vcore DC-DC for Desktop Computers and Servers
VRM for Intermediate Bus Architecture
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
20
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package Limited)
35
A
-Continuous (Die Limited)
93
-Pulsed
(Note 1)
354
EAS
Single Pulse Avalanche Energy
(Note 2)
144
mJ
PD
Power Dissipation
77
W
TJ, TSTG
Operating and Storage Temperature
-55 to 175
°C
RθJC
Thermal Resistance, Junction to Case TO-252,TO-251
1.94
°C/W
RθJA
Thermal Resistance, Junction to Ambient TO-252,TO-251
100
°C/W
RθJA
Thermal Resistance, Junction to Ambient TO-252,1in2 copper pad area
52
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD8586
FDD8586
TO-252AA
13’’
12mm
2500 units
FDU8586
FDU8586
TO-251AA
N/A(Tube)
N/A
75 units
I-PAK
(TO-251AA)
G DS
D
G
S


Similar Part No. - FDD8586

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD8586 ISC-FDD8586 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD8586

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8580 FAIRCHILD-FDD8580 Datasheet
359Kb / 6P
   N-Channel PowerTrench MOSFET 20V, 35A, 9mohm
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com