Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDLL914 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDLL914
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDLL914 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDLL914 Datasheet HTML 1Page - Fairchild Semiconductor FDLL914 Datasheet HTML 2Page - Fairchild Semiconductor FDLL914 Datasheet HTML 3Page - Fairchild Semiconductor FDLL914 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.fairchildsemi.com
1N/FDLL 914/A/B / 916/A/B / 4148 / 4448 Rev. B2
Typical Characteristics (Continued)
Figure 5. Forward Voltage vs Forward Current
VF - 10 to 800mA
Figure 6. Forward Voltage vs Ambient Temperature
VF - 0.01 - 20 mA (- 40 to +65
°C)
Figure 7. Total Capacitance
Figure 8. Reverse Recovery Time vs
Reverse Recovery Current
Figure 9. Average Rectified Current (IF(AV))
vs Ambient Temperature (TA)
Figure 10. Power Derating Curve
0.6
0.8
1.0
1.2
1.4
1.6
10
20
30
50
100
200
300
500
800
Ta= 25
oC
Forward Current, I
F [mA]
0.01
0.1
1
10
300
400
500
600
700
800
900
3
0.3
0.03
Typical
Ta= -40
oC
Ta= 25
oC
Ta= +65
oC
Forward Current, I
F [mA]
02468
10
12
14
0.75
0.80
0.85
0.90
T
A = 25
oC
REVERSE VOLTAGE (V)
10
20
30
40
50
60
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Ta = 25
oC
Reverse Recovery Current, I
rr [mA]
IF = 10mA , IRR = 1.0 mA , Rloop = 100 Ohms
0
50
100
150
0
100
200
300
400
500
I
F(AV) -
AVERA
GE REC
TIFIED
CURRE
NT - mA
Ambient Temperature (
oC)
0
50
100
150
200
0
100
200
300
400
500
DO-35
SOT-23
Temperature [
oC]


Similar Part No. - FDLL914

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL914 FAIRCHILD-FDLL914 Datasheet
78Kb / 4P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914 Datasheet
116Kb / 4P
   Small Signal Diode
logo
SUNMATE electronic Co.,...
FDLL914 SUNMATE-FDLL914 Datasheet
1Mb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
ON Semiconductor
FDLL914 ONSEMI-FDLL914 Datasheet
156Kb / 7P
   Small Signal Diode
October, 2017 ??Rev. 4
logo
Fairchild Semiconductor
FDLL914A FAIRCHILD-FDLL914A Datasheet
78Kb / 4P
   Small Signal Diode
More results

Similar Description - FDLL914

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com