Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA741 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA741
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA741 Datasheet(HTML) 5 Page - Texas Instruments

  TPA741 Datasheet HTML 1Page - Texas Instruments TPA741 Datasheet HTML 2Page - Texas Instruments TPA741 Datasheet HTML 3Page - Texas Instruments TPA741 Datasheet HTML 4Page - Texas Instruments TPA741 Datasheet HTML 5Page - Texas Instruments TPA741 Datasheet HTML 6Page - Texas Instruments TPA741 Datasheet HTML 7Page - Texas Instruments TPA741 Datasheet HTML 8Page - Texas Instruments TPA741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−50
−60
−80
−100
20
100
1k
−30
−20
f − Frequency − Hz
0
10k
20k
−10
−40
−70
−90
VDD = 5 V
VDD = 3.3 V
RL = 8 Ω
CB = 1 µF
VDD − Supply Voltage − V
1.8
0.8
0.6
1
3
4
5.5
5
2.5
3.5
4.5
1.6
1.2
1.4
SHUTDOWN = 0 V
RF = 10 k
TPA741
SLOS316C – JUNE 2000 – REVISED JUNE 2004
Table of Graphs
FIGURE
kSVR
Supply ripple rejection ratio
vs Frequency
2
IDD
Supply current
vs Supply voltage
3, 4
vs Supply voltage
5
PO
Output power
vs Load resistance
6
vs Frequency
7, 8, 11, 12
THD+N
Total harmonic distortion plus noise
vs Output power
9, 10, 13, 14
Open-loop gain and phase
vs Frequency
15, 16
Closed-loop gain and phase
vs Frequency
17, 18
Vn
Output noise voltage
vs Frequency
19, 20
PD
Power dissipation
vs Output power
21, 22
SUPPLY RIPPLE REJECTION RATIO
SUPPLY CURRENT
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 2.
Figure 3.
5


Similar Part No. - TPA741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741D TI-TPA741D Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741DGN TI-TPA741DGN Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Similar Description - TPA741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_07 Datasheet
919Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com