Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D1TPWRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D1TPWRQ1
Description  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1TPWRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA2000D1TPWRQ1 Datasheet HTML 7Page - Texas Instruments TPA2000D1TPWRQ1 Datasheet HTML 8Page - Texas Instruments TPA2000D1TPWRQ1 Datasheet HTML 9Page - Texas Instruments TPA2000D1TPWRQ1 Datasheet HTML 10Page - Texas Instruments TPA2000D1TPWRQ1 Datasheet HTML 11Page - Texas Instruments TPA2000D1TPWRQ1 Datasheet HTML 12Page - Texas Instruments TPA2000D1TPWRQ1 Datasheet HTML 13Page - Texas Instruments TPA2000D1TPWRQ1 Datasheet HTML 14Page - Texas Instruments TPA2000D1TPWRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TPA2000D1Q1
2W FILTERLESS MONO CLASSD AUDIO POWER AMPLIFIER
SGLS137B− SEPTEMBER 2002 − REVISED SEPTEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
C2
C1
L1
L2
OUT−
OUT+
Figure 11. Class-D Output Filter
gain setting via GAIN0 and GAIN1 inputs
The gain of the TPA2000D1 is set by two input terminals, GAIN0 and GAIN1.
The gains listed in Table 1 are realized by changing the taps on the input resistors inside the amplifier. This
causes the input impedance (Zi) to be dependent on the gain setting. The actual gain settings are controlled
by ratios of resistors, so the actual gain distribution from part-to-part is quite good. However, the input
impedance may shift by 30% due to shifts in the actual resistance of the input resistors.
For design purposes, the input network (discussed in the next section) should be designed assuming an input
impedance of 20 k
Ω, which is the absolute minimum input impedance of the TPA2000D1. At the higher gain
settings, the input impedance could increase as high as 115 k
Ω.
Table 2. Gain Settings
GAIN0
GAIN1
AMPLIFIER GAIN
(dB)
INPUT IMPEDANCE
(k
Ω)
GAIN0
GAIN1
TYP
TYP
0
0
6
104
0
1
12
74
1
0
18
44
1
1
23.5
24
input resistance
Each gain setting is achieved by varying the input resistance of the amplifier, which can range from its smallest
value to over six times that value. As a result, if a single capacitor is used in the input high-pass filter, the −3 dB
or cutoff frequency also changes by over six times.
Ci
IN
Zi
Zf
Input
Signal


Similar Part No. - TPA2000D1TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1TPWRQ1 TI-TPA2000D1TPWRQ1 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2000D1TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com