Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D2PWG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA2000D2PWG4
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2PWG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2000D2PWG4 Datasheet HTML 1Page - Texas Instruments TPA2000D2PWG4 Datasheet HTML 2Page - Texas Instruments TPA2000D2PWG4 Datasheet HTML 3Page - Texas Instruments TPA2000D2PWG4 Datasheet HTML 4Page - Texas Instruments TPA2000D2PWG4 Datasheet HTML 5Page - Texas Instruments TPA2000D2PWG4 Datasheet HTML 6Page - Texas Instruments TPA2000D2PWG4 Datasheet HTML 7Page - Texas Instruments TPA2000D2PWG4 Datasheet HTML 8Page - Texas Instruments TPA2000D2PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPA2000D2
SLOS291F – MARCH 2000 – REVISED MARCH 2007
TERMINAL FUNCTION
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
6
-
Analog ground
BYPASS
22
I
Tap to voltage divider for internal midsupply bias generator used for analog reference.
A capacitor connected to this terminal sets the oscillation frequency in conjunction with ROSC. For
COSC
7
I
proper operation, connect a 220 pF capacitor from COSC to ground.
GAIN0
3
I
Bit 0 of gain control (TTL logic level)
GAIN1
15
I
Bit 1 of gain control (TTL logic level)
LINN
5
I
Left channel negative differential audio input
LINP
20
I
Left channel positive differential audio input
LOUTN
2
O
Left channel negative audio output
LOUTP
23
O
Left channel positive audio output
1, 24
-
Power ground for left channel H-bridge
PGND
12, 13
-
Power ground for right channel H-bridge
4, 21
-
Power supply for left channel H-bridge
PVDD
9, 16
-
Power supply for right channel H-bridge
RINN
8
I
Right channel negative differential audio input
RINP
17
I
Right channel positive differential audio input
A resistor connected to this terminal sets the oscillation frequency in conjunction with COSC. For
ROSC
18
I
proper operation, connect a 120 k
Ω resistor from ROSC to ground.
ROUTN
11
O
Right channel negative audio output
ROUTP
14
O
Right channel positive output
Places the amplifier in shutdown mode if a TTL logic low is placed on this terminal; normal operation if
SHUTDOWN
10
I
a TTL logic high is placed on this terminal.
VDD
19
-
Analog power supply
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VDD, PVDD
Supply voltage
-0.3 V to 6 V
VI
Input voltage
-0.3 V to VDD+0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
-40°C to 85°C
TJ
Operating junction temperature range
-40°C to 150°C
Tstg
Storage temperature range
-65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
PW
1.04 W
8.34 mW/°C
0.67 W
0.54 W
PWP
2.7 W
21.8 mW/°C
1.7 W
1.4 W
3
Submit Documentation Feedback


Similar Part No. - TPA2000D2PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2PWP TI-TPA2000D2PWP Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2000D2PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
   2 횞10 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com