Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2005D1DGN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2005D1DGN
Description  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1DGN Datasheet(HTML) 1 Page - Texas Instruments

  TPA2005D1DGN Datasheet HTML 1Page - Texas Instruments TPA2005D1DGN Datasheet HTML 2Page - Texas Instruments TPA2005D1DGN Datasheet HTML 3Page - Texas Instruments TPA2005D1DGN Datasheet HTML 4Page - Texas Instruments TPA2005D1DGN Datasheet HTML 5Page - Texas Instruments TPA2005D1DGN Datasheet HTML 6Page - Texas Instruments TPA2005D1DGN Datasheet HTML 7Page - Texas Instruments TPA2005D1DGN Datasheet HTML 8Page - Texas Instruments TPA2005D1DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
APPLICATION CIRCUIT
_
+
IN–
IN+
PWM
H–
Bridge
VO+
VO–
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI
RI
+
Differential
Input
TPA2005D1
SHUTDOWN
Actual Solution Size
2.5 mm
CS
RI
RI
6 mm
(MicroStar Junior
™ BGA)
TPA2005D1-Q1
SLOS474 – AUGUST 2005
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Space Saving Package
Qualification in Accordance With AEC-Q100 (1)
– 3 mm x 3 mm QFN package (DRB)
Qualified for Automotive Applications
– 2,5 mm x 2,5 mm MicroStar Junior™
BGA Package (ZQY)
Customer-Specific Configuration Control Can
Be Supported Along With Major-Change
– 3 mm x 5 mm MSOP PowerPAD™ Package
Approval
(DGN)
1.4 W Into 8
Ω From a 5-V Supply at
– TPA2010D1 Available in 1,45 mm x 1,45 mm
THD = 10% (Typ)
WCSP (YZF)
Maximum Battery Life and Minimum Heat
– Efficiency With an 8-
Ω Speaker:
Ideal for Wireless or Cellular Handsets and
• 84% at 400 mW
PDAs
• 79% at 100 mW
– 2.8-mA Quiescent Current
– 0.5-
µA Shutdown Current
The TPA2005D1 is a 1.4-W high-efficiency filter-free
class-D audio power amplifier in a MicroStar Junior™
Only Three External Components
BGA, QFN, or MSOP package that requires only
– Optimized PWM Output Stage Eliminates LC
three external components.
Output Filter
Features like 84% efficiency, -71-dB PSRR at
– Internally Generated 250-kHz Switching
217 Hz, improved RF-rectification immunity, and
Frequency Eliminates Capacitor and
15-mm2 total PCB area make the TPA2005D1 ideal
Resistor
for cellular handsets. A fast start-up time of 9 ms with
– Improved PSRR (-71 dB at 217 Hz) and
minimal pop makes the TPA2005D1 ideal for PDA
Wide Supply Voltage (2.5 V to 5.5 V)
applications.
Eliminates Need for a Voltage Regulator
In cellular handsets, the earpiece, speaker phone,
– Fully Differential Design Reduces RF
and melody ringer can each be driven by the
Rectification and Eliminates Bypass
TPA2005D1. The device allows independent gain
Capacitor
control by summing the signals from each function,
while minimizing noise to only 48
µV
RMS.
– Improved CMRR Eliminates Two Input
Coupling Capacitors
(1)
Contact factory for details. Q100 qualification data available
on request.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroStar Junior, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA2005D1DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1DGN TI1-TPA2005D1DGN Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DGN TI1-TPA2005D1DGN Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1DGNG4 TI1-TPA2005D1DGNG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DGNG4 TI1-TPA2005D1DGNG4 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1DGNR TI1-TPA2005D1DGNR Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2005D1DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com