Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3001D1PWPG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3001D1PWPG4
Description  20-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3001D1PWPG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3001D1PWPG4 Datasheet HTML 2Page - Texas Instruments TPA3001D1PWPG4 Datasheet HTML 3Page - Texas Instruments TPA3001D1PWPG4 Datasheet HTML 4Page - Texas Instruments TPA3001D1PWPG4 Datasheet HTML 5Page - Texas Instruments TPA3001D1PWPG4 Datasheet HTML 6Page - Texas Instruments TPA3001D1PWPG4 Datasheet HTML 7Page - Texas Instruments TPA3001D1PWPG4 Datasheet HTML 8Page - Texas Instruments TPA3001D1PWPG4 Datasheet HTML 9Page - Texas Instruments TPA3001D1PWPG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
PO − Output Power − W
4
8
VCC = 12 V
5
7
9
11
13
15
17
19
21
3.6
4
5
6
7
8
9
10
VCC = 18 V
VCC = 15 V
VCC = 12 V
TA = 25°C,
10% THD Maximum
Load Impedance −
5
7
9
11
13
15
17
19
21
3.6
4
5
6
7
8
9
10
VCC = 18 V
VCC = 15 V
VCC = 12 V
ZL − Load Impedance − Ω
TA = 45°C
5
7
9
11
13
15
17
19
21
3.6
4
5
6
7
8
9
10
VCC = 18 V
VCC = 15 V
VCC = 12 V
ZL − Load Impedance − Ω
TA = 60°C
TPA3001D1
SLOS398C – DECEMBER 2002 – REVISED JULY 2006
EFFICIENCY
MAXIMUM OUPUT POWER
vs
vs
OUTPUT POWER
LOAD IMPEDANCE
Figure 1.
Figure 2.
MAXIMUM OUPUT POWER
MAXIMUM OUTPUT POWER
vs
vs
LOAD IMPEDANCE
LOAD IMPEDANCE
Figure 3.
Figure 4.
6
Submit Documentation Feedback


Similar Part No. - TPA3001D1PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3001D1PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com