Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2012D2RTJT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJT
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2RTJT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2012D2RTJT Datasheet HTML 5Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 6Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 7Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 8Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 9Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 10Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 11Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 12Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
−75
−70
−65
−60
−55
−50
100
1 k
10 k
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
f − Frequency − Hz
VIC = 1 VPP,
RL = 8 W,
AV = 6 dB
20 k
20
−100
−80
−60
−40
−20
0
20
0
1
2
3
4
5
VICR − Common-Mode Input Voltage Range − V
VDD = 5.5 V
VDD = 3.6 V
VDD = 2.5 V
t − Time − 2 ms/div
C1 − High, 3.6 V
C1 − Amp, 512 mV
C1 − Duty, 12%
−160
−140
−120
−100
−80
−60
−40
−20
0
0
500
1000
1500
2000
2500
−160
−140
−120
−100
−80
−60
−40
−20
0
CI = 1 mF,
Inputs AC Grounded,
AV = 6 dB
VDD = 3.6 V
Input
Output
f − Frequency − Hz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Class-AB,
VDD = 3.6 V
RL = 4 Ω
RL = 8 Ω
RL = 4 Ω
RL = 8 Ω
Powers are per Channel
QFN
PO − Output Power − W
Class-AB,
VDD = 3.6 V
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC Common Mode Voltage − V
VDD = 2.7 V
VDD = 5 V
VDD = 3.6 V
RL = 8 W,
VIN = 200 mVPP
f = 217 Hz
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
COMMOM-MODE
REJECTION RATIO
COMMON-MODE
GSM POWER
vs
REJECTION RATIO
SUPPLY REJECTION
COMMON-MODE
vs
vs
INPUT VOLTAGE
FREQUENCY
TIME
Figure 19.
Figure 20.
Figure 21.
SUPLY VOLTAGE
POWER SUPPLY REJECTION
REJECTION RATIO
POWER DISSIPATION
vs
vs
vs
FREQUENCY
DC COMMON-MODE VOLTAGE
OUTPUT POWER
Figure 22.
Figure 23.
Figure 24.
9
Submit Documentation Feedback


Similar Part No. - TPA2012D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJT TI1-TPA2012D2RTJT Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2RTJTG4 TI1-TPA2012D2RTJTG4 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results

Similar Description - TPA2012D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com