Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS302ALB Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS302ALB
Description  MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS302ALB Datasheet HTML 3Page - STMicroelectronics LIS302ALB Datasheet HTML 4Page - STMicroelectronics LIS302ALB Datasheet HTML 5Page - STMicroelectronics LIS302ALB Datasheet HTML 6Page - STMicroelectronics LIS302ALB Datasheet HTML 7Page - STMicroelectronics LIS302ALB Datasheet HTML 8Page - STMicroelectronics LIS302ALB Datasheet HTML 9Page - STMicroelectronics LIS302ALB Datasheet HTML 10Page - STMicroelectronics LIS302ALB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LIS302ALB
Mechanical and electrical specifications
7/17
2.3
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
2.4
Terminology
Sensitivity describes the gain of the sensor and can be determined by applying 1g
acceleration to it. As the sensor can measure DC accelerations this can be done easily by
pointing the axis of interest towards the center of the earth, note the output value, rotate the
sensor by 180 degrees (point to the sky) and note the output value again thus applying ±1g
acceleration to the sensor. Subtracting the larger output value from the smaller one and
dividing the result by 2 will give the actual sensitivity of the sensor. This value changes very
little over temperature (see sensitivity change vs. temperature) and also very little over time.
The Sensitivity Tolerance describes the range of Sensitivities of a large population of
sensors.
Zero-g level describes the actual output signal if there is no acceleration present. A sensor
in a steady state on a horizontal surface will measure 0g in X axis and 0g in Y axis whereas
the Z axis will measure +1g. The output is ideally for a 3.3V powered sensor Vdd/2 =
1650mV. A deviation from ideal 0-g level (1650mV in this case) is called Zero-g offset. Offset
of precise MEMS sensors is to some extend a result of stress to the sensor and therefore
the offset can slightly change after mounting the sensor onto a printed circuit board or
exposing it to extensive mechanical stress. Offset changes little over temperature - see
“Zero-g level change vs. temperature” - the Zero-g level of an individual sensor is very stable
Table 4.
Absolute maximum ratings
Symbol
Ratings
Maximum Value
Unit
Vdd
Supply voltage
-0.3 to 6
V
Vin
Input Voltage on Any Control pin (PD, ST)
-0.3 to Vdd +0.3
V
VAux_in
Aux_in Input Voltage
-0.3 to Vdd +0.3
V
APOW
Acceleration (Any axis, Powered, Vdd=3.3V)
3000g for 0.5 ms
10000g for 0.1 ms
AUNP
Acceleration (Any axis, Not powered)
3000g for 0.5 ms
10000g for 0.1 ms
TSTG
Storage Temperature Range
-40 to +150
°C
ESD
Electrostatic Discharge Protection
2 (HBM)
KV
1.5 (CDM)
KV
200 (MM)
V
This is a Mechanical Shock sensitive device, improper handling can cause permanent
damages to the part
This is an ESD sensitive device, improper handling can cause permanent damages to
the part


Similar Part No. - LIS302ALB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALKTR STMICROELECTRONICS-LIS302ALKTR Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
More results

Similar Description - LIS302ALB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com