Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS302ALBTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS302ALBTR
Description  MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALBTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS302ALBTR Datasheet HTML 2Page - STMicroelectronics LIS302ALBTR Datasheet HTML 3Page - STMicroelectronics LIS302ALBTR Datasheet HTML 4Page - STMicroelectronics LIS302ALBTR Datasheet HTML 5Page - STMicroelectronics LIS302ALBTR Datasheet HTML 6Page - STMicroelectronics LIS302ALBTR Datasheet HTML 7Page - STMicroelectronics LIS302ALBTR Datasheet HTML 8Page - STMicroelectronics LIS302ALBTR Datasheet HTML 9Page - STMicroelectronics LIS302ALBTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Mechanical and electrical specifications
LIS302ALB
6/17
2.2
Electrical characteristics
Table 3.
Electrical characteristics(1)
All parameters are specified @ Vdd =3.3V, T=25°C unless otherwise noted
1.
The product is factory calibrated at 3.3V. For availability of different supply voltage in the maximum range [2.16V, 3.6V]
contact factory
Symbol
Parameter
Test Condition
Min.
Typ.(2)
2.
Typical specifications are not guaranteed
Max.
Unit
Vdd
Supply Voltage
3.0
3.3
3.6
V
Idd
Supply Current
mean value
PD pin connected to
GND
0.65
mA
IddPdn
Supply Current in
Power Down Mode
PD pin connected to Vdd
1
μA
Vst
Self Test Input
Logic 0 level at Vdd=3.3V
0
0.8
V
Logic 1 level at Vdd=3.3V
2.0
Vdd
V
Rout
Output impedance of
Voutx, Vouty, Voutz
32
k
Ω
Cload
Capacitive Load Drive
for Voutx, Vouty,
Voutz(3)
3.
Minimum resonance frequency Fres=2.0kHz. Device bandwidth=1/(2*
π*32kΩ*Cload)
2.5
nF
Vs0
S0 Input
Logic 0 level at Vdd=3.3V
0
0.8
V
Logic 1 level at Vdd=3.3V
2.0
Vdd
V
Vs1
S1 input
Logic 0 level at Vdd=3.3V
0
0.8
V
Logic 1 level at Vdd=3.3V
2.0
Vdd
V
Rmux
Series resistance of
multiplexer input Vs
Vout
1
k
Ω
Cloadmux
Capacitive load drive
for multiplexed output
Vout
10
pF
Ton
Turn-On Time at exit
from Power Down
mode
Cload in
μF
160*Cload+0.3
ms
Top
Operating
Temperature Range
-40
+85
°C


Similar Part No. - LIS302ALBTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALKTR STMICROELECTRONICS-LIS302ALKTR Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
More results

Similar Description - LIS302ALBTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com