Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS302ALBTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS302ALBTR
Description  MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALBTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS302ALBTR Datasheet HTML 6Page - STMicroelectronics LIS302ALBTR Datasheet HTML 7Page - STMicroelectronics LIS302ALBTR Datasheet HTML 8Page - STMicroelectronics LIS302ALBTR Datasheet HTML 9Page - STMicroelectronics LIS302ALBTR Datasheet HTML 10Page - STMicroelectronics LIS302ALBTR Datasheet HTML 11Page - STMicroelectronics LIS302ALBTR Datasheet HTML 12Page - STMicroelectronics LIS302ALBTR Datasheet HTML 13Page - STMicroelectronics LIS302ALBTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Application hints
LIS302ALB
10/17
4
Application hints
Figure 3.
LIS302ALB electrical Connection
Power supply decoupling capacitors (100nF ceramic or polyester + 10
μF Aluminum) should
be placed as near as possible to the device (common design practice).
The LIS302ALB allows to band limit Voutx, Vouty and Voutz through the use of external
capacitors. The recommended frequency range spans from DC up to 2.0kHz. Capacitors
must be added at output pins to implement low-pass filtering for antialiasing and noise
reduction. The equation for the cut-off frequency (ft) of the external filters is:
Taking into account that the internal filtering resistor (Rout) has a nominal value equal to
32k
Ω, the equation for the external filter cut-off frequency may be simplified as follows:
The tolerance of the internal resistor can vary typically of ±20% within its nominal value of
32k
Ω; thus the cut-off frequency will vary accordingly. A minimum capacitance of 2.5nF for
Cload(x, y, z) is required in any case.
An external capacitor can be added to the Vout pin. Values below 10 pF are recommended.
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Y
1
X
Z
Digital signals
Vout X
LIS302ALB
Vout Y
Cload y
Cload x
(top view)
Optional
Optional
1
ST
S1
S0
PD
Vout z
Optional
Cload z
6
8
13
Aux In
100nF
10
μF
GND
GND
Vdd
Vout
GND
Vdd
Pin 1 indicator
f
t
1
2
π R
out Cload xy z
,,
()
⋅⋅
----------------------------------------------------------------
=
f
t
5
μF
C
load xy z
,,
()
----------------------------------- Hz
[]
=


Similar Part No. - LIS302ALBTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALKTR STMICROELECTRONICS-LIS302ALKTR Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
More results

Similar Description - LIS302ALBTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com