Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC273M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHC273M
Description  Octal D-Type Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC273M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHC273M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 3: Parameter guaranteed by design.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
0.5V to VCC  0.5V
Input Diode Current (IIK)
20 mA
Output Diode Current (IOK)
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r75 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Supply Voltage (VCC)2.0V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TOPR)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 3.3V r 0.3V
0 ns/V
a 100 ns/V
VCC 5.0V r 0.5V
0 ns/V
a 20 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level Input
2.0
1.50
1.50
V
Voltage
3.0
 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Input
2.0
0.50
0.50
V
Voltage
3.0
 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level Output
2.0
1.9
2.0
1.9
V
VIN VIH IOH 50 PA
Voltage
3.0
2.9
3.0
2.9
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH 4 mA
4.5
3.94
3.80
IOH 8 mA
VOL
LOW Level Output
2.0
0.0
0.1
0.1
V
VIN VIH IOL 50 PA
Voltage
3.0
0.0
0.1
0.1
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL 4 mA
4.5
0.36
0.44
IOL 8 mA
IIN
Input Leakage Current
0
 5.5
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
5.5
4.0
40.0
PAVIN VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Typ
Limits
VOLP
Quiet Output Maximum Dynamic VOL
5.0
0.6
0.9
V
CL 50 pF
(Note 3)
VOLV
Quiet Output Minimum Dynamic VOL
5.0
0.6
0.9
V
CL 50 pF
(Note 3)
VIHD
Minimum HIGH Level Dynamic Input Voltage
5.0
3.5
V
CL 50 pF
(Note 3)
VILD
Maximum LOW Level Dynamic Input Voltage
5.0
1.5
V
CL 50 pF
(Note 3)


Similar Part No. - 74VHC273M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC273M STMICROELECTRONICS-74VHC273M Datasheet
72Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
October 1999
logo
Fairchild Semiconductor
74VHC273M FAIRCHILD-74VHC273M Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
74VHC273M FAIRCHILD-74VHC273M Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
logo
ON Semiconductor
74VHC273M ONSEMI-74VHC273M Datasheet
717Kb / 15P
   Octal D-Type Flip-Flop
April 2007 Rev. 1.5
logo
Fairchild Semiconductor
74VHC273MTC FAIRCHILD-74VHC273MTC Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
More results

Similar Description - 74VHC273M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com