Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3987SLP-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3987SLP-T
Description  DMOS Microstepping Driver with Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3987SLP-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3987SLP-T Datasheet HTML 1Page - Allegro MicroSystems A3987SLP-T Datasheet HTML 2Page - Allegro MicroSystems A3987SLP-T Datasheet HTML 3Page - Allegro MicroSystems A3987SLP-T Datasheet HTML 4Page - Allegro MicroSystems A3987SLP-T Datasheet HTML 5Page - Allegro MicroSystems A3987SLP-T Datasheet HTML 6Page - Allegro MicroSystems A3987SLP-T Datasheet HTML 7Page - Allegro MicroSystems A3987SLP-T Datasheet HTML 8Page - Allegro MicroSystems A3987SLP-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DMOS Microstepping Driver with Translator
A3987
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Figure 1. Logic Interface Timing Diagram
STEP
t A
t D
t C
MS1, MS2,
RESET/SLEEP,
or DIR
t B
Time Duration
Symbol
Typ.
Unit
STEP minimum, HIGH pulse width
tA
1
μs
STEP minimum, LOW pulse width
tB
1
μs
Setup time, input change to STEP
tC
200
ns
Hold time, input change to STEP
tD
200
ns
ELECTRICAL CHARACTERISTICS1 (continued)
valid at TA = 25°C, VBB = 50 V, unless noted otherwise
Characteristics
Symbol Test Conditions
Min.
Typ.2
Max.
Units
Protection Circuitry
Overcurrent Protection Threshold4
Iocpst
2–
A
Overcurrent Blanking
tocp
13
μs
Thermal Shutdown Temperature
TTSD
165
°C
Thermal Shutdown Hysteresis
TTSDhys
–15
°C
1Negative current is defined as coming out of (sourcing) the specified device pin.
2Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for indi-
vidual units, within the specified maximum and minimum limits.
3VERR = [(VREF/8) – VSENSE] /(VREF/8).
4OCP is tested at TA = 25°C in a restricted range and guaranteed by characterization.


Similar Part No. - A3987SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3980 ALLEGRO-A3980 Datasheet
514Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
November 17, 2011
A3980 ALLEGRO-A3980 Datasheet
504Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
A3980 ALLEGRO-A3980 Datasheet
604Kb / 19P
   Automotive DMOS Microstepping Driver with Translator
A3980KLP ALLEGRO-A3980KLP Datasheet
514Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
November 17, 2011
A3980KLP ALLEGRO-A3980KLP Datasheet
504Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
More results

Similar Description - A3987SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
   Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_13 Datasheet
331Kb / 14P
   Microstepping DMOS Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
   Microstepping DMOS Driver with Translator
A3977 ALLEGRO-A3977 Datasheet
520Kb / 18P
   Microstepping DMOS Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com