Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8435 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A8435
Description  High Efficiency Charge Pump White LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8435 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A8435 Datasheet HTML 1Page - Allegro MicroSystems A8435 Datasheet HTML 2Page - Allegro MicroSystems A8435 Datasheet HTML 3Page - Allegro MicroSystems A8435 Datasheet HTML 4Page - Allegro MicroSystems A8435 Datasheet HTML 5Page - Allegro MicroSystems A8435 Datasheet HTML 6Page - Allegro MicroSystems A8435 Datasheet HTML 7Page - Allegro MicroSystems A8435 Datasheet HTML 8Page - Allegro MicroSystems A8435 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
High Efficiency Charge Pump White LED Driver
A8435
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
(Top View)
Name Pin Number
Function*
C1–
13
Negative terminal of capacitor C1.
C1+
16
Positive terminal of capacitor C1.
C2–
15
Negative terminal of capacitor C2.
C2+
1
Positive terminal of capacitor C2.
CTRL
4
Brightness control scheme toggle. For 2-bit parallel or PWM dimming, leave open or tie to VIN
(see table 1). For single-wire serial input dimming, connect to GND (see figure 2).
EN1
3
When CTRL is open or HIGH: Enable and dimming control input 1 (see table 1).
When CTRL is grounded: single-wire enable and dimming control (see table 1 and figure 2).
(Do not leave unconnected.)
EN2
5
When CTRL is open or HIGH: Enable and dimming control input 2 (see table 1).
When CTRL is grounded: this pin disables shutdown. (Do not leave unconnected.)
EP
Exposed metal pad on bottom side. Connect this to ground plane for better thermal
performance.
GND
11
Ground.
ISET
6
Connect RSET resistor to ground to set desired constant current through LEDs.
LED1
8
Current sink for LED1. Connect to VIN or VOUT if not used for LED. (Do not leave unconnected.)
LED2
7
Current sink for LED2. Connect to VIN or VOUT if not used for LED. (Do not leave unconnected.)
LED3
10
Current sink for LED3. Always connect this pin to LED.
LED4
9
Current sink for LED4. Connect to VIN or VOUT if not used for LED. (Do not leave unconnected.)
NC
12
No Connection.
VIN
14
Power supply voltage input.
VOUT
2
Charge pump voltage source output for connection to the LED anodes.
* See Application Information section for cited figure and tables.
Terminal List Table
12
11
10
9
NC
GND
LED3
LED4
1
2
3
4
C2+
VOUT
EN1
EP
CTRL
Pin-out Diagram


Similar Part No. - A8435

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
   White LED Driver Constant Current Step-up Converter
A8430EEK ALLEGRO-A8430EEK Datasheet
329Kb / 10P
   White LED Driver Constant Current Step-up Converter
A8430EEK-T ALLEGRO-A8430EEK-T Datasheet
329Kb / 10P
   White LED Driver Constant Current Step-up Converter
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
   White LED Driver Constant Current Step-up Converter
April 5, 2005
A8431EEH-T ALLEGRO-A8431EEH-T Datasheet
331Kb / 10P
   White LED Driver Constant Current Step-up Converter
April 5, 2005
More results

Similar Description - A8435

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
   High Efficiency White LED Charge Pump Regulator
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com