Electronic Components Datasheet Search
Selected language     English  ā–¼


LM334 Datasheet(PDF) 10 Page - STMicroelectronics

Part No. LM334
Description  THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 10 page
background image
LM134 - LM234 - LM334
10/11
PACKAGE MECHANICAL DATA - TO92 TAPE AMMO PACK & TO92 TAPE & REEL
Packing information are available at: http://www.st.com/stonline/prodpres/packages/stdlin.htm
DIM.
mm.
inches
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
AL
5.0
0.197
A
5.0
0.197
T
4.0
0.157
d
0.45
0.018
I1
2.5
0.098
P
11.7
12.7
13.7
0.461
0.500
0.539
PO
12.4
12.7
13
0.488
0.500
0.512
P2
5.95
6.35
6.75
0.234
0.250
0.266
F1/F2
2.4
2.5
2.8
0.094
0.098
0.110
D h
-1
0
1
-0.039
0
0.039
D P
-1
0
1
-0.039
0
0.039
W
17.5
18.0
19.0
0.689
0.709
0.748
W0
5.7
6
6.3
0.224
0.236
0.248
W1
8.5
9
9.75
0.335
0.354
0.384
W2
0.5
0.020
H
20
0.787
H0
15.5
16
16.5
0.610
0.630
0.650
H1
25
0.984
DO
3.8
4.0
4.2
0.150
0.157
0.165
L1
11
0.433
TO-92 MECHANICAL DATA




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS925RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground 1 2 3 4 5 MoreSTMicroelectronics
LMH6321300 mA High Speed Buffer with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LM140JANThree Terminal Positive Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
LTI602200 V - 1 000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
NCP15223.0 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
LTI602T200 V - 1 000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
NCP90011.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
3102200 V - 1 000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
3302200 V - 1 000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl