Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK455-200B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK455-200B
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK455-200B Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK455-200B Datasheet HTML 1Page - NXP Semiconductors BUK455-200B Datasheet HTML 2Page - NXP Semiconductors BUK455-200B Datasheet HTML 3Page - NXP Semiconductors BUK455-200B Datasheet HTML 4Page - NXP Semiconductors BUK455-200B Datasheet HTML 5Page - NXP Semiconductors BUK455-200B Datasheet HTML 6Page - NXP Semiconductors BUK455-200B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK455-200A/B
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
200
-
-
V
voltage
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
2.1
3.0
4.0
V
I
DSS
Zero gate voltage drain current
V
DS = 200 V; VGS = 0 V; Tj = 25 ˚C
-
1
10
µA
I
DSS
Zero gate voltage drain current
V
DS = 200 V; VGS = 0 V; Tj =125 ˚C
-
0.1
1.0
mA
I
GSS
Gate source leakage current
V
GS = ±30 V; VDS = 0 V
-
10
100
nA
R
DS(ON)
Drain-source on-state
V
GS = 10 V;
BUK455-200A
-
0.2
0.23
resistance
I
D = 7 A
BUK455-200B
-
0.22
0.28
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 25 V; ID = 7 A
6.0
8.4
-
S
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
1400
1750
pF
C
oss
Output capacitance
-
190
250
pF
C
rss
Feedback capacitance
-
55
80
pF
t
d on
Turn-on delay time
V
DD = 30 V; ID = 3 A;
-
18
30
ns
t
r
Turn-on rise time
V
GS = 30 V; RGS = 50 Ω;
-
35
60
ns
t
d off
Turn-off delay time
R
gen = 50 Ω
-
85
120
ns
t
f
Turn-off fall time
-
35
50
ns
L
d
Internal drain inductance
Measured from contact screw on
-
3.5
-
nH
tab to centre of die
L
d
Internal drain inductance
Measured from drain lead 6 mm
-
4.5
-
nH
from package to centre of die
L
s
Internal source inductance
Measured from source lead 6 mm
-
7.5
-
nH
from package to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
-
-
-
14
A
current
I
DRM
Pulsed reverse drain current
-
-
-
56
A
V
SD
Diode forward voltage
I
F = 14 A ; VGS = 0 V
-
1.0
1.5
V
t
rr
Reverse recovery time
I
F = 14 A; -dIF/dt = 100 A/µs;
-
180
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = 30 V
-
1.8
-
µC
AVALANCHE LIMITING VALUE
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 14 A ; VDD ≤ 100 V ;
-
-
100
mJ
unclamped inductive turn-off
V
GS = 10 V ; RGS = 50 Ω
energy
August 1996
2
Rev 1.100


Similar Part No. - BUK455-200B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK455-200B ISC-BUK455-200B Datasheet
67Kb / 2P
   High speed switching
More results

Similar Description - BUK455-200B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com