Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4094M013TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4094M013TR
Description  8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094M013TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4094M013TR Datasheet HTML 2Page - STMicroelectronics HCF4094M013TR Datasheet HTML 3Page - STMicroelectronics HCF4094M013TR Datasheet HTML 4Page - STMicroelectronics HCF4094M013TR Datasheet HTML 5Page - STMicroelectronics HCF4094M013TR Datasheet HTML 6Page - STMicroelectronics HCF4094M013TR Datasheet HTML 7Page - STMicroelectronics HCF4094M013TR Datasheet HTML 8Page - STMicroelectronics HCF4094M013TR Datasheet HTML 9Page - STMicroelectronics HCF4094M013TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HCF4094B
6/13
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25°C, CL = 50pF, RL = 200KΩ,tr =tf =20ns)
(*) Typical temperature coefficient for all VDD value is 0.3%/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
(Clock to serial Output QS)
5
300
600
ns
10
125
250
15
95
190
tPLH tPHL Propagation Delay Time
(Clock to serial Output Q’S)
5
230
460
ns
10
110
220
15
75
150
tPLH tPHL Propagation Delay Time
(Clock to Parallel Output)
5
420
840
ns
10
195
390
15
135
270
tPLH tPHL Propagation Delay Time
(Strobe to Parallel Output)
5
290
580
ns
10
145
290
15
100
200
tPZL, tPZH Propagation Delay Time
Output Enable to Parallel Out:
Output High to High Impedance
5
140
280
ns
10
75
150
15
55
110
tPHZ tPLZ Propagation Delay Time
Output Enable to Parallel Out:
Output Low to High Impedance
5
225
450
ns
10
95
190
15
70
140
tW
Strobe Pulse Width
5
200
100
ns
10
80
40
15
70
35
tW
Clock Pulse Width
5
200
100
ns
10
100
50
15
83
40
tsetup
Data Setup Time
5
125
60
ns
10
55
30
15
35
20
thold
Minimum Hold Time
5
0
0
0
ns
10
0
0
0
15
0
0
0
tTLH tTHL Transition Time
5
100
200
ns
10
50
100
15
40
80
tr, tf
Clock input Rise or Fall Time
5
15
µs
10
5
15
5
fmax
Maximum Clock Input
Frequency
51.25
2.5
MHz
10
2.5
5
15
3
6


Similar Part No. - HCF4094M013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4094M013TR STMICROELECTRONICS-HCF4094M013TR Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
More results

Similar Description - HCF4094M013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_14 Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
MC14094B ONSEMI-MC14094B Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
ON Semiconductor
MC14094BDTR2G ONSEMI-MC14094BDTR2G Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com