Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD32-X007 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILD32-X007
Description  Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD32-X007 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILD32-X007 Datasheet HTML 1Page - Vishay Siliconix ILD32-X007 Datasheet HTML 2Page - Vishay Siliconix ILD32-X007 Datasheet HTML 3Page - Vishay Siliconix ILD32-X007 Datasheet HTML 4Page - Vishay Siliconix ILD32-X007 Datasheet HTML 5Page - Vishay Siliconix ILD32-X007 Datasheet HTML 6Page - Vishay Siliconix ILD32-X007 Datasheet HTML 7Page - Vishay Siliconix ILD32-X007 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ILD32/ ILQ32
Document Number 83650
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in Inches (mm)
Package Dimensions in Inches (mm)
i178006
pin one ID
.255 (6.48)
.268 (6.81)
.379 (9.63)
.390 (9.91)
.030 (0.76)
.045 (1.14)
4° typ.
.100 (2.54) typ.
10°
3°–9°
.300 (7.62)
typ.
.018 (.46)
.022 (.56)
.008 (.20)
.012 (.30)
.110 (2.79)
.130 (3.30)
.130 (3.30)
.150 (3.81)
.020 (.51 )
.035 (.89 )
.230(5.84)
.250(6.35)
4
3
2
1
.031 (0.79)
.050 (1.27)
5
6
78
ISO Method A
.255 (6.48)
.265 (6.81)
.779 (19.77 )
.790 (20.07)
.030 (.76)
.045 (1.14)
.100 (2.54)typ.
10°
typ.
3°–9°
.018 (.46)
.022 (.56)
.008 (.20)
.012 (.30)
.110 (2.79)
.130 (3.30)
pin one ID
.130 (3.30)
.150 (3.81)
.020(.51)
.035 (.89)
876543
21
91011 12
13141516
.031(.79)
.300 (7.62)
typ.
.230 (5.84)
.250 (6.35)
.050 (1.27)
i178007
ISO Method A


Similar Part No. - ILD32-X007

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD32 SIEMENS-ILD32 Datasheet
50Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
More results

Similar Description - ILD32-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
TCED2100 VISHAY-TCED2100_08 Datasheet
163Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
Rev. 1.6, 16-May-08
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
01-Jan-2022
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2023
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com