Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK456-1000 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK456-1000
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK456-1000 Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK456-1000 Datasheet HTML 1Page - NXP Semiconductors BUK456-1000 Datasheet HTML 2Page - NXP Semiconductors BUK456-1000 Datasheet HTML 3Page - NXP Semiconductors BUK456-1000 Datasheet HTML 4Page - NXP Semiconductors BUK456-1000 Datasheet HTML 5Page - NXP Semiconductors BUK456-1000 Datasheet HTML 6Page - NXP Semiconductors BUK456-1000 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK456-1000B
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
1000
-
-
V
voltage
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
2.1
3.0
4.0
V
I
DSS
Zero gate voltage drain current
V
DS = 1000 V; VGS = 0 V; Tj = 25 ˚C
-
2
20
µA
I
DSS
Zero gate voltage drain current
V
DS = 1000 V; VGS = 0 V; Tj =125 ˚C
-
0.1
1.0
mA
I
GSS
Gate source leakage current
V
GS = ±30 V; VDS = 0 V
-
10
100
nA
R
DS(ON)
Drain-source on-state
V
GS = 10 V; ID = 1.5 A
-
4.5
5.0
resistance
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 25 V; ID = 1.5 A
3.0
4.3
-
S
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
1000
1250
pF
C
oss
Output capacitance
-
80
120
pF
C
rss
Feedback capacitance
-
30
50
pF
t
d on
Turn-on delay time
V
DD = 30 V; ID = 2.3 A;
-
10
25
ns
t
r
Turn-on rise time
V
GS = 10 V; RGS = 50 Ω;
-
50
70
ns
t
d off
Turn-off delay time
R
gen = 50 Ω
-
130
150
ns
t
f
Turn-off fall time
-
40
60
ns
L
d
Internal drain inductance
Measured from contact screw on
-
3.5
-
nH
tab to centre of die
L
d
Internal drain inductance
Measured from drain lead 6 mm
-
4.5
-
nH
from package to centre of die
L
s
Internal source inductance
Measured from source lead 6 mm
-
7.5
-
nH
from package to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
-
-
-
3.5
A
current
I
DRM
Pulsed reverse drain current
-
-
-
14
A
V
SD
Diode forward voltage
I
F = 3.5 A ; VGS = 0 V
-
1.0
1.3
V
t
rr
Reverse recovery time
I
F = 3.5 A; -dIF/dt = 100 A/µs;
-
1800
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = 100 V
-
12
-
µC
May 1995
2
Rev 1.200


Similar Part No. - BUK456-1000

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK456-1000A ISC-BUK456-1000A Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
logo
Inchange Semiconductor ...
BUK456-1000B ISC-BUK456-1000B Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUK456-1000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com