Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE350 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJE350
Description  COMPLEMETARY SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE350 Datasheet(HTML) 2 Page - STMicroelectronics

  MJE350 Datasheet HTML 1Page - STMicroelectronics MJE350 Datasheet HTML 2Page - STMicroelectronics MJE350 Datasheet HTML 3Page - STMicroelectronics MJE350 Datasheet HTML 4Page - STMicroelectronics MJE350 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
6.0
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 300 V
100
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 3 V
100
µA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 1 mA
300
V
hFE
DC Current Gain
IC = 50 mA
VCE = 10 V
30
240
∗ Pulsed: Pulse duration = 300µs, duty cycle ≤ 2%
Safe Operating Area
Derating Curve
MJE340 / MJE350
2/5


Similar Part No. - MJE350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE350 MOTOROLA-MJE350 Datasheet
124Kb / 4P
   0.5 AMPERE POWER TRANSISTOR PNP SILICON 300 VOLTS 20 WATTS
logo
STMicroelectronics
MJE350 STMICROELECTRONICS-MJE350 Datasheet
66Kb / 5P
   COMPLEMETARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
MJE350 FAIRCHILD-MJE350 Datasheet
36Kb / 4P
   High Voltage General Purpose Applications
logo
TRANSYS Electronics Lim...
MJE350 TEL-MJE350 Datasheet
73Kb / 2P
   PNP EPITAXIAL SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJE350 ONSEMI-MJE350 Datasheet
139Kb / 3P
   Plastic Medium Power PNP Silicon Transistor
January, 2007 ??Rev. 14
More results

Similar Description - MJE350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE340 STMICROELECTRONICS-MJE340 Datasheet
66Kb / 5P
   COMPLEMETARY SILICON POWER TRANSISTORS
logo
Motorola, Inc
MC14411 MOTOROLA-MC14411 Datasheet
107Kb / 3P
   Low-Power Complemetary Mos
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com