Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE2955T Datasheet(PDF) 4 Page - STMicroelectronics

Part # MJE2955T
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE2955T Datasheet(HTML) 4 Page - STMicroelectronics

  MJE2955T Datasheet HTML 1Page - STMicroelectronics MJE2955T Datasheet HTML 2Page - STMicroelectronics MJE2955T Datasheet HTML 3Page - STMicroelectronics MJE2955T Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics.
All other names are the property of their respective owners.
© 2003 STMicroelectronics – All Rights reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
MJE2955T / MJE3055T
4/4


Similar Part No. - MJE2955T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
   POWER TRANSISTORS(10A,60V,75W)
logo
Inchange Semiconductor ...
MJE2955T ISC-MJE2955T Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
logo
Motorola, Inc
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
logo
Tiger Electronic Co.,Lt...
MJE2955T TGS-MJE2955T Datasheet
93Kb / 1P
   Complementary Silicon Power Ttransistors
logo
STMicroelectronics
MJE2955T STMICROELECTRONICS-MJE2955T Datasheet
65Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - MJE2955T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com