Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8L-8PC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATMEGA8L-8PC
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8L-8PC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATMEGA8L-8PC Datasheet HTML 2Page - ATMEL Corporation ATMEGA8L-8PC Datasheet HTML 3Page - ATMEL Corporation ATMEGA8L-8PC Datasheet HTML 4Page - ATMEL Corporation ATMEGA8L-8PC Datasheet HTML 5Page - ATMEL Corporation ATMEGA8L-8PC Datasheet HTML 6Page - ATMEL Corporation ATMEGA8L-8PC Datasheet HTML 7Page - ATMEL Corporation ATMEGA8L-8PC Datasheet HTML 8Page - ATMEL Corporation ATMEGA8L-8PC Datasheet HTML 9Page - ATMEL Corporation ATMEGA8L-8PC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
ATmega8(L)
2486QS–AVR–10/06
AV
CC
AV
CC is the supply voltage pin for the A/D Converter, Port C (3..0), and ADC (7..6). It
should be externally connected to V
CC, even if the ADC is not used. If the ADC is used,
it should be connected to V
CC through a low-pass filter. Note that Port C (5..4) use digital
supply voltage, V
CC.
AREF
AREF is the analog reference pin for the A/D Converter.
ADC7..6 (TQFP and QFN/MLF
Package Only)
In the TQFP and QFN/MLF package, ADC7..6 serve as analog inputs to the A/D con-
verter. These pins are powered from the analog supply and serve as 10-bit ADC
channels.


Similar Part No. - ATMEGA8L-8PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8PC ATMEL-ATMEGA8L-8PC Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8PC ATMEL-ATMEGA8L-8PC Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8L-8PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
   8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_08 Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_09 Datasheet
485Kb / 19P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_1 Datasheet
6Mb / 307P
   8-bit with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com