Electronic Components Datasheet Search |
|
ATMEGA32-16AC Datasheet(PDF) 63 Page - ATMEL Corporation |
|
ATMEGA32-16AC Datasheet(HTML) 63 Page - ATMEL Corporation |
63 / 347 page 63 ATmega32(L) 2503J–AVR–10/06 • OC1A – Port D, Bit 5 OC1A, Output Compare Match A output: The PD5 pin can serve as an external output for the Timer/Counter1 Output Compare A. The pin has to be configured as an output (DDD5 set (one)) to serve this function. The OC1A pin is also the output pin for the PWM mode timer function. • OC1B – Port D, Bit 4 OC1B, Output Compare Match B output: The PD4 pin can serve as an external output for the Timer/Counter1 Output Compare B. The pin has to be configured as an output (DDD4 set (one)) to serve this function. The OC1B pin is also the output pin for the PWM mode timer function. • INT1 – Port D, Bit 3 INT1, External Interrupt Source 1: The PD3 pin can serve as an external interrupt source. • INT0 – Port D, Bit 2 INT0, External Interrupt Source 0: The PD2 pin can serve as an external interrupt source. •TXD – Port D, Bit 1 TXD, Transmit Data (Data output pin for the USART). When the USART Transmitter is enabled, this pin is configured as an output regardless of the value of DDD1. • RXD – Port D, Bit 0 RXD, Receive Data (Data input pin for the USART). When the USART Receiver is enabled this pin is configured as an input regardless of the value of DDD0. When the USART forces this pin to be an input, the pull-up can still be controlled by the PORTD0 bit. Table 32 and Table 33 relate the alternate functions of Port D to the overriding signals shown in Figure 26 on page 54. Table 32. Overriding Signals for Alternate Functions PD7..PD4 Signal Name PD7/OC2 PD6/ICP1 PD5/OC1A PD4/OC1B PUOE 0 0 0 0 PUOV 0 0 0 0 DDOE 0 0 0 0 DDOV 0 0 0 0 PVOE OC2 ENABLE 0 OC1A ENABLE OC1B ENABLE PVOV OC2 0 OC1A OC1B DIEOE 0 0 0 0 DIEOV 0 0 0 0 DI – ICP1 INPUT – – AIO – – – – |
Similar Part No. - ATMEGA32-16AC |
|
Similar Description - ATMEGA32-16AC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |