Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST13007D Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST13007D
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13007D Datasheet(HTML) 1 Page - STMicroelectronics

  ST13007D Datasheet HTML 1Page - STMicroelectronics ST13007D Datasheet HTML 2Page - STMicroelectronics ST13007D Datasheet HTML 3Page - STMicroelectronics ST13007D Datasheet HTML 4Page - STMicroelectronics ST13007D Datasheet HTML 5Page - STMicroelectronics ST13007D Datasheet HTML 6Page - STMicroelectronics ST13007D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ST13007D
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
IMPROVED SPECIFICATION:
- LOWER LEAKAGE CURRENT
- TIGHTER GAIN RANGE
- DC CURRENT GAIN PRESELECTION
- TIGHTER STORAGE TIME RANGE
s
HIGH VOLTAGE CAPABILITY
s
INTEGRATED FREE-WHEELING DIODE
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
FULLY CHARACTERIZED AT 125
oC
s
LARGE RBSOA
APPLICATIONS
s
UP TO 120W ELECTRONIC
TRANSFORMERS FOR HALOGEN LAMPS
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The device is manufactured using high voltage
Multi
Epitaxial
Planar
technology
for
high
switching speeds and high voltage capability.
It uses a Cellular Emitter structure to enhance
switching speeds.
INTERNAL SCHEMATIC DIAGRAM
April 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCEV
Collector-Emitter Voltage (VBE = -1.5V)
700
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC = 0)
9
V
IC
Collector Current
8
A
ICM
Collector Peak Current
16
A
IB
Base Current
4
A
IBM
Base Peak Current
8
A
Ptot
Total Dissipation at Tc
≤ 25 oC
80
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
TO-220
®
1/7


Similar Part No. - ST13007D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May 2003
More results

Similar Description - ST13007D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com