Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB60NH02L Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB60NH02L
Description  N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60NH02L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB60NH02L Datasheet HTML 3Page - STMicroelectronics STB60NH02L Datasheet HTML 4Page - STMicroelectronics STB60NH02L Datasheet HTML 5Page - STMicroelectronics STB60NH02L Datasheet HTML 6Page - STMicroelectronics STB60NH02L Datasheet HTML 7Page - STMicroelectronics STB60NH02L Datasheet HTML 8Page - STMicroelectronics STB60NH02L Datasheet HTML 9Page - STMicroelectronics STB60NH02L Datasheet HTML 10Page - STMicroelectronics STB60NH02L Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STB60NH02L
10/11


Similar Part No. - STB60NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NH02L STMICROELECTRONICS-STB60NH02L Datasheet
423Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D짼PAK STripFET??III POWER MOSFET
More results

Similar Description - STB60NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NH02L STMICROELECTRONICS-STB60NH02L Datasheet
423Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D짼PAK STripFET??III POWER MOSFET
STB100NH02L STMICROELECTRONICS-STB100NH02L Datasheet
409Kb / 13P
   N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET TM III POWER MOSFET
STB75NH02L STMICROELECTRONICS-STB75NH02L_06 Datasheet
410Kb / 13P
   N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
STB75NH02L STMICROELECTRONICS-STB75NH02L Datasheet
319Kb / 8P
   N-CHANNEL 24V - 0.0062W -75A - D2PAK STripFET??III POWER MOSFET
STB60NF03L STMICROELECTRONICS-STB60NF03L Datasheet
48Kb / 6P
   N-CHANNEL 30V - 0.008 ohm - 60A D2PAK STripFET POWER MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com