Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB70NF3LLT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB70NF3LLT4
Description  N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NF3LLT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB70NF3LLT4 Datasheet HTML 1Page - STMicroelectronics STB70NF3LLT4 Datasheet HTML 2Page - STMicroelectronics STB70NF3LLT4 Datasheet HTML 3Page - STMicroelectronics STB70NF3LLT4 Datasheet HTML 4Page - STMicroelectronics STB70NF3LLT4 Datasheet HTML 5Page - STMicroelectronics STB70NF3LLT4 Datasheet HTML 6Page - STMicroelectronics STB70NF3LLT4 Datasheet HTML 7Page - STMicroelectronics STB70NF3LLT4 Datasheet HTML 8Page - STMicroelectronics STB70NF3LLT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2006
Rev 7
1/13
13
STB70NF3LL
N-channel 30V - 0.0075
Ω - 70A - D2PAK
Low gate charge STripFET™ II Power MOSFET
General features
Optimal RDS(on) x Qg trade-off @ 4.5V
Conduction losses reduced
Switching losses reduced
Description
This application specific Power MOSFET is the
third genaration of STMicroelectronis unique
"Single Feature Size™" strip-based process. The
resulting transistor shows the best trade-off
between on-resistance and gate charge. When
used as high and low side in buck regulators, it
gives the best performance in terms of both
conduction and switching losses. This is
extremely important for motherboards where fast
switching and high efficiency are of paramount
importance.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB70NF3LL
30V
< 0.0095
70A
D²PAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB70NF3LLT4
B70NF3LL@
D2PAK
Tape & reel


Similar Part No. - STB70NF3LLT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF3LLT4 STMICROELECTRONICS-STB70NF3LLT4 Datasheet
481Kb / 10P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
More results

Similar Description - STB70NF3LLT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
   N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
July 2006 Rev 10
STB70NFS03L STMICROELECTRONICS-STB70NFS03L_06 Datasheet
290Kb / 13P
   N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STP70NF3LL STMICROELECTRONICS-STP70NF3LL Datasheet
481Kb / 10P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB90NF3LL STMICROELECTRONICS-STB90NF3LL Datasheet
175Kb / 7P
   N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
   N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
STD40NF03L STMICROELECTRONICS-STD40NF03L_07 Datasheet
359Kb / 13P
   N-channel 30V - 0.0090ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com