Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B80NE03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # B80NE03L
Description  N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B80NE03L Datasheet(HTML) 1 Page - STMicroelectronics

  B80NE03L Datasheet HTML 1Page - STMicroelectronics B80NE03L Datasheet HTML 2Page - STMicroelectronics B80NE03L Datasheet HTML 3Page - STMicroelectronics B80NE03L Datasheet HTML 4Page - STMicroelectronics B80NE03L Datasheet HTML 5Page - STMicroelectronics B80NE03L Datasheet HTML 6Page - STMicroelectronics B80NE03L Datasheet HTML 7Page - STMicroelectronics B80NE03L Datasheet HTML 8Page - STMicroelectronics B80NE03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2006
Rev 6
1/13
13
STB80NE03L-06
N-channel 30V - 0.005
Ω - 85A - D2PAK
STripFET™ Power MOSFET
General features
Exceptional dv/dt capability
Low gate charge 100°C
100% Avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB80NE03L-06
30V
<0.006
80A
D2PAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB80NE03L-06
B80NE03L
D²PAK
Tape & reel


Similar Part No. - B80NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B80NF06 STMICROELECTRONICS-B80NF06 Datasheet
303Kb / 14P
   N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
B80NF10 STMICROELECTRONICS-B80NF10 Datasheet
585Kb / 14P
   N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
B80NF55-08 STMICROELECTRONICS-B80NF55-08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
More results

Similar Description - B80NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
   N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET??POWER MOSFET
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
   N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
   N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
   N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET?줚I POWER MOSFET
STV80NE03L-06 STMICROELECTRONICS-STV80NE03L-06 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.005ohm - 80A - PowerSO-10 STripFET MOSFET
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
   N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
STB70NFS03L STMICROELECTRONICS-STB70NFS03L_06 Datasheet
290Kb / 13P
   N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier
STP120NH03L STMICROELECTRONICS-STP120NH03L Datasheet
508Kb / 17P
   N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
STB160NF03L STMICROELECTRONICS-STB160NF03L Datasheet
431Kb / 9P
   N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET??POWER MOSFET
February 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com