Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW5IC2030GMBR1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MW5IC2030GMBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW5IC2030GMBR1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MW5IC2030GMBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW5IC2030GMBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW5IC2030GMBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW5IC2030GMBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW5IC2030GMBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW5IC2030GMBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW5IC2030GMBR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MW5IC2030GMBR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MW5IC2030GMBR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
RF Device Data
Freescale Semiconductor
MW5IC2030MBR1 MW5IC2030GMBR1
DRIVER APPLICATION PERFORMANCE
116
Figure 22. MW5IC2030MBR1(GMBR1) Test Circuit Schematic for Driver Application Tests
RF
OUTPUT
RF
INPUT
Z1
VD2
Z9
Z8
C5
C20
Z3
Z4
Z5
Z6
Z7
C3
C4
C1
VBIAS2
R2
R5
C10
C16
VRD2
C13
2
3
4
5
6
7
8
NC
NC
14
15
12
13
+
C8
Z11
VBIAS1
R1
R4
C11
C15
VRG1/VGS1
C14
VBIAS R2
11
10
9
NC
Quiescent Current
Temperature
Compensation
C2
NC
C17
+
C18
+
Z2
C7
VD1
R3
R6
C12
Z10
C9
+
C6
C19
VRD1
Z7
0.200″ x 0.025″ Microstrip
Z8
0.274″ x 0.050″ Microstrip
Z9
0.615″ x 0.050″ Microstrip
Z10
0.450″ x 0.025″ Microstrip
Z11
0.340″ x 0.014″ Microstrip
PCB
Rogers 4350, 0.020″, εr = 3.5
Z1
0.465″ x 0.041″ Microstrip
Z2
0.518″ x 0.041″ Microstrip
Z3
0.282″ x 0.235″ Microstrip
Z4
0.221″ x 0.081″ Microstrip
Z5
0.489″ x 0.041″ Microstrip
Z6
0.471″ x 0.025″ Microstrip
Table 7. MW5IC2030MBR1(GMBR1) Test Circuit Component Designations and Values
for Driver Application Tests
Part
Description
Part Number
Manufacturer
C1
2.2 pF High Q Chip Capacitor (0603)
600S2R2AT-250-T
ATC
C2
1.8 pF High Q Chip Capacitor (0603)
600S1R8AT-250-T
ATC
C3
3.9 pF High Q Chip Capacitor (0603)
600S3R9AT-250-T
ATC
C4
6.8 pF High Q Chip Capacitor (0805)
600S6R8AT-250-T
ATC
C5, C6
100 pF Class 1 NPO Chip Capacitors (0805)
GRM215CB1H101CZ01D
Murata
C7
4.7 pF Class 1 NPO Chip Capacitor (0805)
GRM215CB1H4R7CZ01D
Murata
C8, C9, C10, C11
0.1 µF X7R Chip Capacitors (1206)
C1206C104K5RACT
Kemet
C12, C13, C14, C15, C16
0.01 µF Class 2 X7R Chip Capacitors (0805)
C0805C103K5RACT
Kemet
C17, C18
22 µF, 35 V Electrolytic Capacitors
ECE-1AVKS220
Panasonic
C19, C20
330 µF, 50 V Electrolytic Capacitors
ECA-1HM331
Panasonic
R1, R3
1 kW, 5% Chip Resistors (0805)
R2
499 W, 1% Chip Resistor (0805)
R4, R5, R6
100 kW, 5% Chip Resistors (0805)


Similar Part No. - MW5IC2030GMBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW5IC2030GMBR1 MOTOROLA-MW5IC2030GMBR1 Datasheet
627Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW5IC2030GMBR1 FREESCALE-MW5IC2030GMBR1 Datasheet
665Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW5IC2030GMBR1 NXP-MW5IC2030GMBR1 Datasheet
542Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 6, 1/2006
More results

Similar Description - MW5IC2030GMBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com