Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW6IC2015GNBR1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MW6IC2015GNBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW6IC2015GNBR1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MW6IC2015GNBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW6IC2015GNBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW6IC2015GNBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW6IC2015GNBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW6IC2015GNBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW6IC2015GNBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW6IC2015GNBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW6IC2015GNBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW6IC2015GNBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MW6IC2015NBR1 MW6IC2015GNBR1
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 1930-1990 MHz
10
−80
−30
0.1
7th Order
TWO −TONE SPACING (MHz)
5th Order
3rd Order
−40
−50
−60
1
100
Figure 9. Intermodulation Distortion Products
versus Tone Spacing
−70
VDD = 26 Vdc, Pout = 75 W (PEP)
IDQ1 = 100 mA, IDQ2 = 170 mA
Two −Tone Measurements
(f1 + f2)/2 = Center Frequency of 1960 MHz
30
48
P3dB = 44.8 dBm (30 W)
Pin, INPUT POWER (dBm)
VDD = 26 Vdc
IDQ1 = 100 mA, IDQ2 = 170 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 1960 MHz
46
44
42
40
38
15
20
25
Actual
Ideal
10
Figure 10. Pulsed CW Output Power versus
Input Power
P1dB = 44 dBm (25 W)
0−60
Pout, OUTPUT POWER (WATTS) AVG.
35
−25
30
−30
25
−35
20
−40
5
−50
0.1
10
30
−45
15
Figure 11. 2-Carrier W-CDMA ACPR, IM3, Power
Gain and Power Added Efficiency
versus Output Power
10
−55
PAE
ACPR
IM3
VDD = 26 Vdc
IDQ1 = 100 mA, IDQ2 = 170 mA
f1 = 1955 MHz, f2 = 1965 MHz
2 −Carrier W−CDMA
10 MHz Carrier Spacing
3.84 MHz Channel Bandwidth
PAR = 8.5 dB @ 0.01%
Probability (CCDF)
Gps
1
30
22
32
0.1
0
50
TC = −30_C
25
_C
85
_C
−30
_C
25
_C
85
_C
10
1
30
28
26
24
40
30
20
10
Pout, OUTPUT POWER (WATTS) CW
Figure 12. Power Gain and Power Added
Efficiency versus CW Output Power
PAE
VDD = 26 Vdc
IDQ1 = 100 mA
IDQ2 = 170 mA
f = 1960 MHz
Gps
Pout, OUTPUT POWER (WATTS) CW
Figure 13. Power Gain versus Output Power
16 V
IDQ1 = 100 mA
IDQ2 = 170 mA
f = 1840 MHz
VDD = 12 V
20 V
28 V
30 V
30
18
30
020
28
24
22
26
20
510
15
26 V
25


Similar Part No. - MW6IC2015GNBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6IC2015GNBR1 FREESCALE-MW6IC2015GNBR1 Datasheet
1Mb / 28P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW6IC2015GNBR1 NXP-MW6IC2015GNBR1 Datasheet
1Mb / 28P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
More results

Similar Description - MW6IC2015GNBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com