Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4656 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4656
Description  High-Current, 10 OHM, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4656 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4656 Datasheet HTML 2Page - Maxim Integrated Products MAX4656 Datasheet HTML 3Page - Maxim Integrated Products MAX4656 Datasheet HTML 4Page - Maxim Integrated Products MAX4656 Datasheet HTML 5Page - Maxim Integrated Products MAX4656 Datasheet HTML 6Page - Maxim Integrated Products MAX4656 Datasheet HTML 7Page - Maxim Integrated Products MAX4656 Datasheet HTML 8Page - Maxim Integrated Products MAX4656 Datasheet HTML 9Page - Maxim Integrated Products MAX4656 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High-Current, 10
, SPST, CMOS
Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
-120
-80
-100
-40
-60
0
-20
20
0.01
1
0.1
10
100
1000
ON-RESPONSE, OFF-ISOLATION
vs. FREQUENCY
FREQUENCY (MHz)
ON-RESPONSE
OFF-ISOLATION
BW = 210MHz
V+ = +15V,
V- = -15V
1.0
1.4
2.2
1.8
2.6
3.0
515
10
20
25
30
35
40
LOGIC-LEVEL THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE
V+ (V)
0
1000
500
2000
1500
2500
3000
-10
0
-5
5
10
SUPPLY CURRENT vs. VOLTAGE ACROSS
SWITCH
VCOM - VN_ (mV)
V+ = +15V,
V- = -15V
0
40
120
80
160
200
-40
10
-15
35
60
85
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
tON
tOFF
V+ = +15V
V- = -15V
RL = 300
CL = 35pF
Pin Description
PIN
MAX4655/
MAX4657
MAX4656/
MAX4658
NAME
FUNCTION
1
1
COM
Analog Switch Common
2, 5
2, 5
N.C.
No Internal Connection
3
3
GND
Ground
4
4
V+
Positive Supply Voltage Input
6
6
IN
Digital Control Input
7
7
V-
Negative Supply Voltage Input
8
NO
Analog Switch Normally Open
8
NC
Analog Switch Normally Closed
EP
PAD
Exposed Pad. Connect to V+.
0
50
100
150
200
250
300
TURN-ON/TURN-OFF TIME vs.
SUPPLY VOLTAGE (DUAL SUPPLIES)
V+, V- (V)
59
711
13
15
RL = 300
CL = 35pF
tON
tOFF


Similar Part No. - MAX4656

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4656ESA MAXIM-MAX4656ESA Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4656ESA MAXIM-MAX4656ESA Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
MAX4656ETA MAXIM-MAX4656ETA Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4656ETA MAXIM-MAX4656ETA Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
MAX4656EUA MAXIM-MAX4656EUA Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
More results

Similar Description - MAX4656

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX4655 MAXIM-MAX4655 Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4655 MAXIM-MAX4655_07 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
MAX312 MAXIM-MAX312 Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
logo
Texas Instruments
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com