Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS5104CC Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MAS5104CC
Description  RADIATION HARD 4096 x 1 BIT STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAS5104CC Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MAS5104CC Datasheet HTML 1Page - Zarlink Semiconductor Inc MAS5104CC Datasheet HTML 2Page - Zarlink Semiconductor Inc MAS5104CC Datasheet HTML 3Page - Zarlink Semiconductor Inc MAS5104CC Datasheet HTML 4Page - Zarlink Semiconductor Inc MAS5104CC Datasheet HTML 5Page - Zarlink Semiconductor Inc MAS5104CC Datasheet HTML 6Page - Zarlink Semiconductor Inc MAS5104CC Datasheet HTML 7Page - Zarlink Semiconductor Inc MAS5104CC Datasheet HTML 8Page - Zarlink Semiconductor Inc MAS5104CC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MA5104
1
DS3580-3.2
The MA5104 4k Static RAM is configured as 4096 x 1 bits and
manufactured using CMOS-SOS high performance, radiation hard,
3
µm technology.
The device has separate input and output terminals controlled by
Chip Select and Write Enable. The design uses a 6 transistor cell and
has full static operation with no clock or timing strobe required.
Address input buffers are deselected when Chip Select is in the HIGH
state.
FEATURES
s 3
µm CMOS-SOS Technology
s Latch-up Free
s Fast Access Time 90ns Typical
s Total Dose 106 Rad(Si)
s Transient Upset >1010 Rad(Si)/sec
s SEU <10-10 Errors/bitday
s Single 5V Supply
s Three State Output
s Low Standby Current 10
µA Typical
s -55
°C to +125°C Operation
s All Inputs and Outputs Fully TTL or CMOS
Compatible
s Fully Static Operation
MA5104
RADIATION HARD 4096 x 1 BIT STATIC RAM
Figure 2: Block Diagram
Operation Mode
CS
WE
I/O
Power
Read
L
H
D OUT
ISB1
Write
L
L
D IN
Standby
H
X
High Z
ISB2
Figure 1: Truth Table
APRIL 1995


Similar Part No. - MAS5104CC

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
logo
Micro Analog systems
MAS1016 MAS-MAS1016 Datasheet
109Kb / 6P
   AM Receiver IC
MAS1016ATB1 MAS-MAS1016ATB1 Datasheet
109Kb / 6P
   AM Receiver IC
MAS1016ATC1 MAS-MAS1016ATC1 Datasheet
109Kb / 6P
   AM Receiver IC
MAS1016B MAS-MAS1016B Datasheet
203Kb / 10P
   AM Receiver IC
More results

Similar Description - MAS5104CC

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Intel Corporation
M2147H INTEL-M2147H Datasheet
274Kb / 5P
   HIGH SPEED 4096 x 1-BIT STATIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM6147H HITACHI-HM6147H Datasheet
354Kb / 7P
   4096-word x 1-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
   4096-word X 4-bit High-Speed CMOS Static RAM
logo
Intersil Corporation
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com