Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL5104CC Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MAL5104CC
Description  RADIATION HARD 4096 x 1 BIT STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAL5104CC Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MAL5104CC Datasheet HTML 4Page - Zarlink Semiconductor Inc MAL5104CC Datasheet HTML 5Page - Zarlink Semiconductor Inc MAL5104CC Datasheet HTML 6Page - Zarlink Semiconductor Inc MAL5104CC Datasheet HTML 7Page - Zarlink Semiconductor Inc MAL5104CC Datasheet HTML 8Page - Zarlink Semiconductor Inc MAL5104CC Datasheet HTML 9Page - Zarlink Semiconductor Inc MAL5104CC Datasheet HTML 10Page - Zarlink Semiconductor Inc MAL5104CC Datasheet HTML 11Page - Zarlink Semiconductor Inc MAL5104CC Datasheet HTML 12Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MA5104
9
Figure 15: Burnin and Radiation Configuration
Package Option
Burnin
Function
F
C
Via
Static 1
Static 2
Dynamic
Ra dia t ion
A0
2
1
R
0V
5V
F0
5V
A1
3
2
R
0V
5V
F1
5V
A2
4
3
R
0V
5V
F2
5V
A3
5
4
R
0V
5V
F3
5V
A4
6
5
R
0V
5V
F4
5V
A5
7
6
R
0V
5V
F5
5V
DOUT
8
7
R
0V
5V
LOAD
5V
WEB
10
8
R
0V
5V
F12
5V
VSS
11
9
Direct
0V
0V
0V
0V
CSB
13
10
R
0V
5V
0V
5V
DIN
15
11
R
0V
5V
F13
5V
A11
16
12
R
0V
5V
F11
5V
A10
17
13
R
0V
5V
F10
5V
A9
18
14
R
0V
5V
F9
5V
A8
21
15
R
0V
5V
F8
5V
A7
22
16
R
0V
5V
F7
5V
A6
23
17
R
0V
5V
F6
5V
VDD
24
18
Direct
5V
5V
5V
5V
1. F0=150KHz, F1=F0/2, F2=F0/4, F3=F0/8 etc.
2. Burnin R=1k
3. Radiation R=10k


Similar Part No. - MAL5104CC

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL MMD-MAL Datasheet
111Kb / 2P
   MAP, MAL & MAV Series Oscillator
logo
M-System Co.,Ltd.
MAL MSYSTEM-MAL Datasheet
169Kb / 6P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
MAL-230A MSYSTEM-MAL-230A Datasheet
169Kb / 6P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
MAL-230Y MSYSTEM-MAL-230Y Datasheet
169Kb / 6P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Unity Opto Technology
MAL-3401 UOT-MAL-3401 Datasheet
47Kb / 2P
   The PLCC Strip signage light module is comprised of a linear array of solid state light emitting diodes
More results

Similar Description - MAL5104CC

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Intel Corporation
M2147H INTEL-M2147H Datasheet
274Kb / 5P
   HIGH SPEED 4096 x 1-BIT STATIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM6147H HITACHI-HM6147H Datasheet
354Kb / 7P
   4096-word x 1-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
   4096-word X 4-bit High-Speed CMOS Static RAM
logo
Intersil Corporation
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com