Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OH3013U Datasheet(PDF) 9 Page - OPTEK Technologies

Part # OH3013U
Description  Hallogic Hall-effect Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OH3013U Datasheet(HTML) 9 Page - OPTEK Technologies

  OH3013U Datasheet HTML 1Page - OPTEK Technologies OH3013U Datasheet HTML 2Page - OPTEK Technologies OH3013U Datasheet HTML 3Page - OPTEK Technologies OH3013U Datasheet HTML 4Page - OPTEK Technologies OH3013U Datasheet HTML 5Page - OPTEK Technologies OH3013U Datasheet HTML 6Page - OPTEK Technologies OH3013U Datasheet HTML 7Page - OPTEK Technologies OH3013U Datasheet HTML 8Page - OPTEK Technologies OH3013U Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Hallogic Hall-effect Sensors
OH090U, OH180U, OH360U
OHN3000 Series, OHS3000 Series
OHN3100 Series, OHS3100 Series
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1
06/05
Page 9 of 9
Saturation Voltage vs Temperature
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-40°C
0°C
40°C
80°C
120°C
150°C
Temperature (°C)
RL = 820
ohms
Icc vs Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
-40°C
0°C
40°C
80°C
120°C
150°C
Temperature (°C)
Icc ON (mA)
Icc OFF (mA)
Rise & Fall Time vs Temperature
0
50
100
150
200
250
300
350
-40°C
0°C
40°C
80°C
120°C
150°C
Temperature (°C)
Rise Time
Fall Time
U.U.T.
820 Ohm
20 pf
3
2
1
Vcc
Output
Ground
VOL
OH
V
10%
90%
Tr
Tf
90%
10%
BOP
RP
B
Magnetic Field


Similar Part No. - OH3013U

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OH300 CONNOR-WINFIELD-OH300 Datasheet
717Kb / 6P
   Oven Stabilized Oscillator
More results

Similar Description - OH3013U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
   Hallogic hall Effect Sensors
May 1996
logo
TT Electronics.
OH090U TTELEC-OH090U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OH090U ETC-OH090U Datasheet
290Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTREX CORPORATION
OHN3040U OPTREX-OHN3040U Datasheet
287Kb / 2P
   Hallogic Hall Effect Sensors
logo
List of Unclassifed Man...
OHN3013U ETC1-OHN3013U Datasheet
248Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OHN3130U OPTEK-OHN3130U Datasheet
319Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
List of Unclassifed Man...
OHN3030U ETC-OHN3030U Datasheet
281Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH180U OPTEK-OH180U Datasheet
301Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3020U OPTEK-OHN3020U Datasheet
305Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3120U OPTEK-OHN3120U Datasheet
330Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com